Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMMK-1218 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-1218
Description  0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-1218 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button VMMK-1218_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Recommended SMT Attachment
The VMMK Packaged Devices are compatible with high
volume surface mount PCB assembly processes.
Manual Assembly for Prototypes
1. Follow ESD precautions while handling packages.
2. Handling should be along the edges with tweezers or
from topside if using a vacuum collet.
3. Recommended attachment is solder paste.
Please
see Figure 8 for recommended solder reflow profile.
Conductive epoxy is not recommended.
Hand
soldering is not recommended.
4. Apply solder paste using either a stencil printer or
dot placement. The volume of solder paste will be
dependent on PCB and component layout and should
be controlled to ensure consistent mechanical and
electrical performance. Excessive solder will degrade
RF performance.
5. Follow solder paste and vendor’s recommendations
when developing a solder reflow profile. A standard
profile will have a steady ramp up from room
temperature to the pre-heat temp to avoid damage
due to thermal shock.
6. Packages have been qualified to withstand a peak
temperature of 260ºC for 20 to 40 sec. Verify that the
profile will not expose device beyond these limits.
7. Clean off flux per vendor’s recommendations.
8. Clean the module with Acetone. Rinse with alcohol.
Allow the module to dry before testing.
Figure 15. Suggested Lead-Free Reflow Profile for SnAgCu Solder Paste
Outline Drawing
Top and Side View
Notes:
1.
x indicates pin 1
2. Dimensions are in millimeters
3. Pad Material is minimum 5.0 um thick Au
Notes:
1. 0.010” Rogers RO4350
Suggested PCB Material and Land Pattern
Part Number Ordering Information
Part Number
No. of Devices
Container
VMMK-1218-BLKG
100
antistatic bag
VMMK-1218-TR1G
5000
7” Reel
0
50
100
150
200
250
300
050
100
150
200
250
300
SECONDS
Ramp 1 Preheat Ramp 2Reflow
Peak = 250 ± 5 °C
Melting point = 218 °C
Cooling
1.2 (0.048)
0.100 (0.004)
0.500 (0.020)
0.500 (0.020)
0.400 (0.016)
0.100 (0.004)
0.254 dia PTH
(0.010) 4pl
0.400 dia
(0.016) 4pl
0.200
(0.008)
0.381 (0.015) 2pl
0.200
(0.008)
Part of
Input
Circuit
Part of
Output
Circuit
0.076 max
(0.003) 2pl -
see discussion
Solder Mask
0.7 (0.028)
BYY
0.2 mm
0.3 mm
0.7 mm
0.8 mm
0.5 mm
0.5 mm
1.00 mm
0.25 mm
Bottom View


Similar Part No. - VMMK-1218_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1218-BLKG AVAGO-VMMK-1218-BLKG Datasheet
837Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-1218-TR1G AVAGO-VMMK-1218-TR1G Datasheet
837Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
More results

Similar Description - VMMK-1218_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1218 AVAGO-VMMK-1218 Datasheet
837Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
Broadcom Corporation.
DEMO-VMMK-1218-10 BOARDCOM-DEMO-VMMK-1218-10 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-1218 BOARDCOM-VMMK-1218 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1225 AVAGO-VMMK-1225_15 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
Broadcom Corporation.
VMMK-1225 BOARDCOM-VMMK-1225 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
DEMO-VMMK-1225-12 BOARDCOM-DEMO-VMMK-1225-12 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1225 AVAGO-VMMK-1225 Datasheet
827Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
Broadcom Corporation.
VMMK-2103 BOARDCOM-VMMK-2103 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com