Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1795 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1795
Description  Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1795 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1795 Datasheet HTML 4Page - Maxim Integrated Products MAX1795 Datasheet HTML 5Page - Maxim Integrated Products MAX1795 Datasheet HTML 6Page - Maxim Integrated Products MAX1795 Datasheet HTML 7Page - Maxim Integrated Products MAX1795 Datasheet HTML 8Page - Maxim Integrated Products MAX1795 Datasheet HTML 9Page - Maxim Integrated Products MAX1795 Datasheet HTML 10Page - Maxim Integrated Products MAX1795 Datasheet HTML 11Page - Maxim Integrated Products MAX1795 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Detailed Description
The MAX1795/MAX1796/MAX1797 compact step-up
DC-DC converters start up with voltages as low as
0.85V and operate with an input voltage down to +0.7V.
Consuming only 25µA of quiescent current, these
devices have an internal synchronous rectifier that
reduces cost by eliminating the need for an external
diode and improves overall efficiency by minimizing
losses in the circuit (see Synchronous Rectification sec-
tion for details). The internal N-channel MOSFET power
switch resistance is typically 0.17
Ω, which minimizes
losses. The LX switch current limits of the MAX1795/
MAX1796/MAX1797 are 0.25A, 0.5A, and 1A, respec-
tively.
All three devices offer Maxim’s proprietary True-
Shutdown circuitry, which disconnects the output from
the input in shutdown and puts the output in a high
impedance state. These devices also feature Maxim’s
proprietary LX-damping circuitry, which reduces EMI in
noise-sensitive applications. For additional in-system
flexibility, the LBI/LBO comparator remains active in
shutdown. (Figure 1 is a typical application circuit).
Control Scheme
A unique minimum-off-time, current-limited control
scheme is the key to the MAX1795/MAX1796/
MAX1797s’ low operating current and high efficiency
over a wide load range. The architecture combines the
high output power and efficiency of a pulse-width-mod-
ulation (PWM) device with the ultra-low quiescent cur-
rent of a traditional pulse-skipping controller (Figure 2).
Switching frequency depends upon the load current
and input voltage, and can range up to 500kHz. Unlike
conventional pulse-skipping DC-DC converters (where
ripple amplitude varies with input voltage), ripple in
these devices does not exceed the product of the
switch current limit and the filter-capacitor equivalent
series resistance (ESR).
Low Supply Current, Step-Up DC-DC Converters
with True-Shutdown
8
_______________________________________________________________________________________
Figure 1. Typical Application Circuit
GND
LBO
LBI
*SEE TABLE 1 FOR COMPONENT VALUES.
BATT
FB
LX
OUT
MAX1795
MAX1796
MAX1797
SHDN
VOUT = 3.3V
COUT*
VIN
VIN
22
µH
47
µF
1M
PIN
NAME
FUNCTION
1
LBI
Low-Battery Comparator Input. Internally set to trip at +0.85V. This function remains operational in
shutdown.
2FB
Dual-Mode™ Feedback Input. Connect to GND for preset 5.0V output. Connect to OUT for preset
3.3V output. Connect a resistive voltage-divider from OUT to GND to adjust the output voltage from
2V to 5.5V.
3
LBO
Low-Battery Comparator Output, Open-Drain Output. LBO is low when VLBI < 0.85V. This function
remains operational in shutdown.
4
SHDN
Shutdown Input. If SHDN is high, the device is in shutdown mode, OUT is high impedance, and
LBI/LBO are still operational. Connect shutdown to GND for normal operation.
5
GND
Ground
6
LX
Inductor Connection
7
OUT
Power Output. OUT provides bootstrap power to the IC.
8
BATT
Battery Input and Damping Switch Connection
Pin Description
Dual Mode is a trademark of Maxim Integrated Products.


Similar Part No. - MAX1795

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
96Kb / 4P
   Output Disconnects from Input During Shutdown
Rev 0; 2/01
More results

Similar Description - MAX1795

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Texas Instruments
LM4510 TI1-LM4510 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
LM4510 TI-LM4510_15 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Texas Instruments
LM4510SDEV TI1-LM4510SDEV Datasheet
5Mb / 23P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com