Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-2863 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2863
Description  Surface Mount Microwave Schottky Detector Diodes
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2863 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-2863 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2863 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2863 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2863 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-2863 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-2863 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMS-2863 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMS-2863 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSMS-2863 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
As was the case at 2.45 GHz, the circuit is entirely dis‑
tributed element, both low cost and compact. Input
impedance for this network is given in Figure 22.
Such a circuit offers several advantages. First the voltage
outputs of two diodes are added in series, increasing
the overall value of voltage sensitivity for the network
(compared to a single diode detector). Second, the RF
impedances of the two diodes are added in parallel,
making the job of reactive matching a bit easier. Such a
circuit can easily be realized using the two series diodes
in the HSMS‑286C.
The “Virtual Battery”
The voltage doubler can be used as a virtual battery,
to provide power for the operation of an I.C. or a tran‑
sistor oscillator in a tag. Illuminated by the CW signal
from a reader or interrogator, the Schottky circuit will
produce power sufficient to operate an I.C. or to charge
up a capacitor for a burst transmission from an oscilla‑
tor. Where such virtual batteries are employed, the bulk,
cost, and limited lifetime of a battery are eliminated.
Temperature Compensation
The compression of the detector’s transfer curve is
beyond the scope of this data sheet, but some general
comments can be made. As was given earlier, the diode’s
video resistance is given by
8.33 x 10‑5 nT
RV =
IS + Ib
where T is the diode’s temperature in °K.
As can be seen, temperature has a strong effect upon RV,
and this will in turn affect video bandwidth and input
RF impedance. A glance at Figure 6 suggests that the
proper choice of bias current in the HSMS‑286x series
can minimize variation over temperature.
The detector circuits described earlier were tested
over temperature. The 915 MHz voltage doubler using
the HSMS‑286C series produced the output voltages
as shown in Figure 25. The use of 3 µA of bias resulted
in the highest voltage sensitivity, but at the cost of a
wide variation over temperature. Dropping the bias to
1 µA produced a detector with much less temperature
variation.
A similar experiment was conducted with the HSMS‑
286B series in the 5.8 GHz detector. Once again, reducing
the bias to some level under 3 µA stabilized the output
of the detector over a wide temperature range.
It should be noted that curves such as those given in
Figures 25 and 26 are highly dependent upon the exact
design of the input impedance matching network. The
designer will have to experiment with bias current using
his specific design.
HSMS-0005 fig 26 was 23
FREQUENCY (GHz): 5.6-6.0
HSMS-285X fig 27 was 24
5.6
-20
FREQUENCY (GHz)
5.8
0
-10
-15
6.0
-5
5.9
5.7
HSMS-285X fig 11 was 7
VIDEO OUT
Z-MATCH
NETWORK
RF IN
Figure 22. Input Impedance.
Input return loss, shown in Figure 23, exhibits wideband
match.
Figure 23. Input Return Loss.
Voltage Doublers
To this point, we have restricted our discussion to
single diode detectors. A glance at Figure 9, however,
will lead to the suggestion that the two types of single
diode detectors be combined into a two diode voltage
doubler[4] (known also as a full wave rectifier). Such a
detector is shown in Figure 24.
Figure 24. Voltage Doubler Circuit.


Similar Part No. - HSMS-2863

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2863 HP-HSMS-2863 Datasheet
153Kb / 6P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2863 AVAGO-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
HSMS-2863 AVAGO-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2863 AVAGO-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results

Similar Description - HSMS-2863

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2864 BOARDCOM-HSMS-2864 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286L BOARDCOM-HSMS-286L Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com