Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-52189 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-52189
Description  High Linearity Mode Enhancement
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-52189 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-52189 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ATF-52189 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
1111
ATF-52189 Typical Performance Curves (at 25
°C unless specified otherwise), continued
Tuned for Optimal OIP3 at Vd = 4.5V, Ids = 200 mA.
Note:
Bias current for the above charts are quiescent
conditions. Actual level may increase depending
on amount of RF drive.
Figure 45. OIP3 vs. Ids and Vds at 2.4 GHz.
Ids (mA)
100
400
150
200
250
300
350
17
16
15
14
13
12
11
10
3.0V
4.0V
4.5V
Figure 46. Small Signal Gain vs. Ids and Vds
at 2.4 GHz.
Ids (mA)
100
400
150
200
250
300
350
45
40
35
30
25
20
15
3.0V
4.0V
4.5V
Figure 47. Small Signal Gain/Pout/PAE vs.
Pin at Vds 3V and Freq = 2.4 GHz.
Pin (dBm)
-10
18
-6
-2
2
6
10
14
30
25
20
15
10
5
0
60
50
40
30
20
10
0
Gain_3V
Pout_3V
PAE_3V
Figure 48. Small Signal Gain/Pout/PAE vs.
Pin at Vds 4V and Freq = 2.4 GHz.
Pin (dBm)
-10
18
-6
-2
2
6
10
14
30
25
20
15
10
5
0
60
50
40
30
20
10
0
Gain_4V
Pout_4V
PAE_4V
Figure 49. Small Signal Gain/Pout/PAE vs.
Pin at Vds 4.5V and Freq = 2.4 GHz.
Pin (dBm)
-10
18
-6
-2
2
6
10
14
30
25
20
15
10
5
0
60
50
40
30
20
10
0
Gain_4.5V
Pout_4.5V
PAE_4.5V


Similar Part No. - ATF-52189

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-52189 BOARDCOM-ATF-52189 Datasheet
425Kb / 19P
   High Linearity Mode[1] Enhancement
logo
Agilent(Hewlett-Packard...
ATF-52189-BLK HP-ATF-52189-BLK Datasheet
145Kb / 14P
   Enhancement Mode Pseudomorphic HEMT in SOT 89 Package
ATF-52189-TR1 HP-ATF-52189-TR1 Datasheet
145Kb / 14P
   Enhancement Mode Pseudomorphic HEMT in SOT 89 Package
More results

Similar Description - ATF-52189

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-531P8 AVAGO-ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode
ATF-511P8 AVAGO-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode
ATF-521P8 AVAGO-ATF-521P8_15 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode
ATF-501P8 AVAGO-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode
logo
Agilent(Hewlett-Packard...
ATF-511P8 HP-ATF-511P8 Datasheet
140Kb / 16P
   High Linearity Enhancement Mode
logo
Broadcom Corporation.
ATF-52189 BOARDCOM-ATF-52189 Datasheet
425Kb / 19P
   High Linearity Mode[1] Enhancement
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com