Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-35143 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-35143
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-35143 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-35143_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-35143_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-35143_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-35143_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-35143_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-35143_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-35143_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-35143_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-35143_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ATF-35143
Low Noise Pseudomorphic HEMT
in a Surface Mount Plastic Package
Data Sheet
Features
 Lead-free Option Available
 Low Noise Figure
 Excellent Uniformity in Product Specifications
 Low Cost Surface Mount Small Plastic Package
SOT-343 (4 lead SC-70)
 Tape-and-Reel Packaging Option Available
Specifications
1.9 GHz; 2 V, 15 mA (Typ.)
 0.4 dB Noise Figure
 18 dB Associated Gain
 11 dBm Output Power at 1 dB Gain Compression
 21 dBm Output 3rd Order Intercept
Applications
 Low Noise Amplifier for Cellular/PCS Handsets
 LNA for WLAN, WLL/RLL, LEO, and MMDS Applications
 General Purpose Discrete PHEMT for Other Ultra Low
Noise Applications
Description
Avago’s ATF-35143 is a high dynamic range, low noise,
PHEMT housed in a 4-lead SC-70 (SOT-343) surface
mount plastic package.
Based on its featured performance, ATF-35143 is suitable
for applications in cellular and PCS base stations, LEO
systems, MMDS, and other systems requiring super low
noise figure with good intercept in the 450 MHz to 10
GHz frequency range.
Other PHEMT devices in this family are the ATF-34143
and the ATF-33143. The typical specifications for these
devices at 2 GHz are shown in the table below:
Surface Mount Package
SOT-343
Pin Connections and Package Marking
Part No.
Gate Width
Bias Point
NF (dB)
Ga (dB)
OIP3 (dBm)
ATF-33143
1600 μ
4 V, 80 mA
0.5
15.0
33.5
ATF-34143
800 μ
4 V, 60 mA
0.5
17.5
31.5
ATF-35143
400 μ
2 V, 15 mA
0.4
18.0
21.0
SOURCE
DRAIN
GATE
SOURCE
Note: Top View. Package marking provides
orientation and identification.
“5P” = Device code
“x” = Date code character. A new character
is assigned for each month, year.
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 0)
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.


Similar Part No. - ATF-35143_15

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-35143-BLK HP-ATF-35143-BLK Datasheet
195Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-35143-BLK HP-ATF-35143-BLK Datasheet
127Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-35143-BLKG AVAGO-ATF-35143-BLKG Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package Low Noise Figure
logo
Agilent(Hewlett-Packard...
ATF-35143-TR1 HP-ATF-35143-TR1 Datasheet
195Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-35143-TR1 HP-ATF-35143-TR1 Datasheet
127Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF-35143_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-331M4 AVAGO-ATF-331M4 Datasheet
430Kb / 14P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-38143 AVAGO-ATF-38143 Datasheet
377Kb / 12P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-551M4 HP-ATF-551M4 Datasheet
198Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com