Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1776EUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1776EUA
Description  24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1776EUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1776EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1776EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1776EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1776EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1776EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1776EUA Datasheet HTML 9Page - Maxim Integrated Products MAX1776EUA Datasheet HTML 10Page - Maxim Integrated Products MAX1776EUA Datasheet HTML 11Page - Maxim Integrated Products MAX1776EUA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
24V, 600mA Internal Switch, 100% Duty Cycle,
Step-Down Converter
8
_______________________________________________________________________________________
Detailed Description
The MAX1776 step-down converter is designed primar-
ily for battery-powered devices and notebook comput-
ers. The unique current-limited control scheme
provides high efficiency over a wide load range.
Operation up to 100% duty cycle allows the lowest pos-
sible dropout voltage, increasing the usable supply
voltage range. Under no load, the MAX1776 draws only
15µA, and in shutdown mode, it draws only 3µA to fur-
ther reduce power consumption and extend battery life.
Additionally, an internal 24V switching MOSFET, inter-
nal current sensing, and a high switching frequency
minimize PC board space and component costs.
Current-Limited Control Architecture
The MAX1776 uses a proprietary current-limited control
scheme with operation to 100% duty cycle. This DC-DC
converter pulses as needed to maintain regulation,
resulting in a variable switching frequency that increas-
es with the load. This eliminates the high supply cur-
rents associated with conventional constant-frequency
pulse-width-modulation (PWM) controllers that switch
the MOSFET unnecessarily.
When the output voltage is too low, the error comparator
sets a flip-flop, which turns on the internal P-channel
MOSFET and begins a switching cycle (Figure 2). As
shown in Figure 3, the inductor current ramps up linear-
ly, storing energy in a magnetic field while charging the
output capacitor and servicing the load. The MOSFET
turns off when the peak current limit is reached, or when
the maximum on-time of 10µs is exceeded and the out-
put voltage is in regulation. If the output is out of regula-
tion and the peak current is never obtained, the
MOSFET remains on, allowing a duty cycle up to 100%.
This feature ensures the lowest possible dropout volt-
age. Once the MOSFET turns off, the flip-flop resets, the
inductor current is pulled through D1, and the current
through the inductor ramps back down, transferring the
stored energy to the output capacitor and load. The
MOSFET remains off until the 0.42µs minimum off-time
expires, and the output voltage drops out of regulation.
Pin Description
PIN
NAME
FUNCTION
1FB
Dual-Mode Feedback Input. Connect to GND for the preset 5V output. Connect to a resistive divider
between OUT and GND to adjust the output voltage between 1.25V and VIN.
2
GND
Ground
3
ILIM
Peak Current Control Input. Connect to IN or GND to set peak current limit. ILIM and ILIM2 together set
the peak current limit. See Setting Current Limit.
4
LX
Inductor Connection. Connect LX to external inductor and diode as shown in Figure 1.
5
IN
Input Supply Voltage. Input voltage range is 4.5V to 24V.
6
ILIM2
Peak Current Control Input 2. Connect to IN or GND. ILIM and ILIM2 together set the peak current limit.
See Setting Current Limit.
7
SHDN
Shutdown Input. A logic low shuts down the MAX1776 and reduces the supply current to 3
µA. LX is high
impedance in shutdown. Connect to IN for normal operation.
8
OUT
Regulated Output Voltage High-Impedance Sense Input. Internally connected to a resistive divider.
Do not connect for output voltages higher than 5.5V. Connect to GND when not used.
Figure 1. Typical Application Circuit
MAX1776
IN
GND
ILIM2
ILIM
LX
OUT
FB
CIN: 10
µF, 25V CERAMIC
SEE TABLE 3 FOR OTHER COMPONENT VALUES
NOTE: HIGH-CURRENT PATHS SHOWN WITH BOLD LINES.
OUTPUT
5V
INPUT
4.5V TO 24V
CIN
D1
L1
COUT
SHDN
J1
J2
J3
J4


Similar Part No. - MAX1776EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17760AEVKIT MAXIM-MAX17760AEVKIT Datasheet
909Kb / 11P
   MAX17760 in 5V Output-Voltage Application
Rev 0; 4/20
MAX17761 MAXIM-MAX17761 Datasheet
941Kb / 17P
   4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
MAX17761ATC++ MAXIM-MAX17761ATC+ Datasheet
941Kb / 17P
   4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
MAX17761EVKITA MAXIM-MAX17761EVKITA Datasheet
843Kb / 8P
   Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17
MAX17761EVKITA MAXIM-MAX17761EVKITA_V01 Datasheet
813Kb / 8P
   3.3V Output-Voltage Application
2018
More results

Similar Description - MAX1776EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836 Datasheet
394Kb / 13P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
MAX1836 MAXIM-MAX1836_V01 Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com