Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1775EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1775EEE
Description  Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1775EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1775EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1775EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Dual-Output Step-Down
DC-DC Converter for PDA/Palmtop Computers
8
_______________________________________________________________________________________
5V
3.3V
CORE LINE-TRANSIENT RESPONSE
(3.3V TO 5V)
MAX1775 toc10
100
µs/div
VINC
VCORE
50mV/div
1V/div
1A
0
MAIN LOAD TRANSIENT
(LOAD FROM 100mA to 1A, VIN = 5V)
MAX1775 toc11
200
µs/div
IMAIN
VMAIN
50mV/div
100mA
400mA
MAIN LOAD TRANSIENT (IN DROPOUT
LOAD FROM 50mA TO 500mA)
MAX1775 toc12
200
µs/div
VMAIN
50mV/div
200mA
0
IMAIN
TURN-ON RESPONSE
(CIRCUIT OF FIGURE 4), NO LOAD
MAX1775 toc13
100
µs/div
200mA
0
1V
VCORE
2V
3V
VMAIN
5V
400mA
0mA
IIN
0
SHDNM
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VMAIN = +3.3V, VCORE = +1.8V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1775EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1775EEE MAXIM-MAX1775EEE Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
More results

Similar Description - MAX1775EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775_09 Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Micro Linear Corporatio...
ML4866 MICRO-LINEAR-ML4866 Datasheet
248Kb / 8P
   3.3V Output DC-DC Step-Down Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com