Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM-40 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # APM-40
Description  CE Marking with EMC and LVD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

APM-40 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  APM-40 Datasheet HTML 1Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 2Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 3Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 4Page - Minmax Technology Co., Ltd. APM-40 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APM-40 SERIES
AC/DC Power Module 40W, Industrial & Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 1 of 5
FEATURES
Fully Encapsulated Plastic Case for
PCB, Chassis and DIN-Rail Mounting Version
Universal Input 85~264VAC, 47~440Hz
Protection Class II as per IEC/EN 60536
I/O Isolation 4000VAC with Reinforced Insulation
Operating Temp. Range -40to +80
Overload/Voltage/Temp. and Short Circuit Protection
EMI Emission meets EN55011/22 Class B & FCC Level B
EMC Immunity meets EN61000-4-2,3,4,5,6,8,11
UL/cUL/IEC/EN 60950-1 and UL508 Safety Approval
Medical Safety meets 2xMOPP per 3rd Edition of IEC/EN
60601-1 & ANSI/AAMI ES60601-1
CE Marking with EMC and LVD
PRODUCT OVERVIEW
The new MINMAX APM-40 series is a range of fully encapsulated AC/DC power modules. These high performance products feature an extended operating
temperature range of -40°C to +80°C. Universal input voltage 85-264VAC and UL/IEC/EN safety approvals including medical safety and UL508 listing
qualify these power supplies modules for applications in products with worldwide markets.EMI-filter meets EN55022, class B and FCC,part15, class B.
The APM-40 series power modules provide an economical solution for many space critical applications in commercial, medical and industrial electronic
equipment.
Model Selection Guide
Model
Number
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
115VAC, 60Hz
230VAC, 50Hz
Max.
@Max. Load
@Max. Load, 115VAC
VDC
mA
mA(typ.)
μF
%
APM-40S05
5
8000
716
429
8000
81
APM-40S12
12
3330
689
414
3900
84
APM-40S15
15
2660
680
408
3900
85
APM-40S24
24
1660
687
413
680
84
APM-40D12
±12
±1660
687
413
1500#
84
APM-40D15
±15
±1330
680
408
1000#
85
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
AC Voltage Input Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
DC Voltage Input Range
120
---
370
VDC
No-Load Power Consumption
---
---
0.3
W
Inrush Current (Cold Start at 25℃)
115VAC
---
---
30
A
230VAC
---
---
60
A


Similar Part No. - APM-40

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
APM-40D12 MINMAX-APM-40D12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40D15 MINMAX-APM-40D15 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S05 MINMAX-APM-40S05 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S12 MINMAX-APM-40S12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S15 MINMAX-APM-40S15 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
More results

Similar Description - APM-40

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AJM-24 MINMAX-AJM-24 Datasheet
556Kb / 5P
   CE Marking with EMC and LVD
AYM-60 MINMAX-AYM-60 Datasheet
548Kb / 5P
   CE Marking with EMC and LVD
logo
Laird Tech Smart Techno...
POE-PS-150-001 LSTD-POE-PS-150-001 Datasheet
275Kb / 1P
   FCC and CE approved
logo
List of Unclassifed Man...
Q12 ETC2-Q12 Datasheet
179Kb / 2P
   UL8750 and CE compliant
logo
Laird Tech Smart Techno...
POE-48ID LSTD-POE-48ID Datasheet
760Kb / 2P
   FCC and CE approved
logo
Texas Instruments
UCC5642 TI1-UCC5642 Datasheet
502Kb / 12P
[Old version datasheet]   LVD-ONLY SCSI TERMINATOR WITH REGULATOR AND SPI-3 DELAY
logo
M/A-COM Technology Solu...
ODS-844-0001 MA-COM-ODS-844-0001 Datasheet
140Kb / 1P
   digital marking and polarity symbol
OD-S-1082 MA-COM-OD-S-1082 Datasheet
110Kb / 1P
   digital marking and polarity symbol
OD-S-1027 MA-COM-OD-S-1027 Datasheet
86Kb / 1P
   digital marking and polarity symbol
ODS-1038 MA-COM-ODS-1038 Datasheet
99Kb / 1P
   digital marking and polarity symbol
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com