Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIPS7091 Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS7091
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7091 Datasheet(HTML) 3 Page - International Rectifier

  AUIPS7091 Datasheet HTML 1Page - International Rectifier AUIPS7091 Datasheet HTML 2Page - International Rectifier AUIPS7091 Datasheet HTML 3Page - International Rectifier AUIPS7091 Datasheet HTML 4Page - International Rectifier AUIPS7091 Datasheet HTML 5Page - International Rectifier AUIPS7091 Datasheet HTML 6Page - International Rectifier AUIPS7091 Datasheet HTML 7Page - International Rectifier AUIPS7091 Datasheet HTML 8Page - International Rectifier AUIPS7091 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AUIPS7091(G)(S)PbF
www.irf.com
3
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. Tj= -40°C..150°C, Vcc=6..35V (unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-63 Vcc+0.3
V
Voffset
Maximum logic ground to load ground offset
Vcc-63 Vcc+0.3
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
60
Vcc cont.
Maximum continuous Vcc voltage
35
Vcc sc.
Maximum Vcc voltage with short circuit protection with Tj < -10°C
28
Iin max.
Maximum IN current
-1
10
mA
Idg max.
Maximum diagnostic output current
-1
10
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Pd
Maximum power dissipation (internally limited by thermal protection)
1.25
W
Rth=100°C/W
Isd cont.
Maximum continuous diode current (Rth=100°C/W)
1.8
A
ESD1
Electrostatic discharge voltage (Human body) 100pF, 1500
4
kV
ESD2
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
,L=10µH
0.5
Tj op max.
Max. operating temperature junction temperature
-40
+150
°C
Tj Sto max.
Max. storage temperature junction temperature
-55
+150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient SO8 std. footprint
100
°C/W
Rth1
Thermal resistance junction to ambient TO220 free air
60
Rth1
Thermal resistance junction to ambient D2Pak std. footprint
60
Rth2
Thermal resistance junction to ambient
D2Pak 1” sqrt. footprint
40
Rth3
Thermal resistance junction to case D2pak/TO220
4
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
V
VIL
Low level input voltage
-0.3
0.9
Iout
Continuous drain current, Tamb=85°C, Tj=125°C, Vin=5V, Rth=100°C/W
1.5
A
Rin
Recommended resistor in series with IN pin
10
20
k
Rdgs
Recommended resistor in series with DG pin
10
20
Rol
Recommended pull-up resistor for open load detection
5
100


Similar Part No. - AUIPS7091

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
AUIPS7091G INFINEON-AUIPS7091G Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
AUIPS7091GTR INFINEON-AUIPS7091GTR Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
AUIPS7091S INFINEON-AUIPS7091S Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
AUIPS7091STRL INFINEON-AUIPS7091STRL Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
More results

Similar Description - AUIPS7091

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7081 IRF-IPS7081 Datasheet
704Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com