Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIPS1011 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS1011
Description  INTELLIGENT POWER LOW SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1011 Datasheet(HTML) 1 Page - International Rectifier

  AUIPS1011_15 Datasheet HTML 1Page - International Rectifier AUIPS1011_15 Datasheet HTML 2Page - International Rectifier AUIPS1011_15 Datasheet HTML 3Page - International Rectifier AUIPS1011_15 Datasheet HTML 4Page - International Rectifier AUIPS1011_15 Datasheet HTML 5Page - International Rectifier AUIPS1011_15 Datasheet HTML 6Page - International Rectifier AUIPS1011_15 Datasheet HTML 7Page - International Rectifier AUIPS1011_15 Datasheet HTML 8Page - International Rectifier AUIPS1011_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
June, 21st 2012
Automotive grade
AUIPS1011(S)(R)
www.irf.com
1
Features
Over temperature shutdown
Over current shutdown
Active clamp
Low current & logic level input
ESD protection
Optimized Turn On/Off for EMI
Diagnostic on the input current
Description
The AUIPS1011(S)(R) is a three terminal Intelligent Power
Switch (IPS) that features a low side MOSFET with over-
current, over-temperature, ESD protection and drain to
source active clamp. This device offers protections and
the high reliability required in harsh environments. The
switch provides efficient protection by turning OFF the
power MOSFET when the temperature exceeds 165°C or
when the drain current reaches 85A. The device restarts
once the input is cycled. A serial resistance connected to
the input provides the diagnostic. The avalanche capability
is significantly enhanced by the active clamp and covers
most inductive load demagnetizations.
Product Summary
Rds(on)
13m (max.)
Vclamp
39V
Ishutdown
85A (typ.)
Packages
TO-220
D²Pak
D-Pak
AUIPS1011
AUIPS1011S
AUIPS1011R
Typical Connection
S
Control
IN
Input R
D
Load
+Bat
Input Signal
V Diag
1
2
3
INTELLIGENT POWER LOW SIDE SWITCH


Similar Part No. - AUIPS1011_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS1021 IRF-AUIPS1021 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021 IRF-AUIPS1021 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021R IRF-AUIPS1021R Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021 IRF-AUIPS1021_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - AUIPS1011_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS1025R INFINEON-AUIPS1025R Datasheet
449Kb / 15P
   INTELLIGENT POWER LOW SIDE SWITCH
Rev 1.1 2016-3-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com