Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1791EUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1791EUB
Description  High-Efficiency, 10-Pin 關MAX, Step-Down Controllers for Notebooks
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1791EUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1791EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1791EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1791EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1791EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1791EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1791EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1791EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1791EUB Datasheet HTML 8Page - Maxim Integrated Products MAX1791EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
High-Efficiency, 10-Pin µMAX, Step-Down
Controllers for Notebooks
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
VP, SHDN to GND ..................................................-0.3V to +22V
VP to VL ..................................................................-0.3V to +22V
OUT, VL to GND .......................................................-0.3V to +6V
DL, FB, REF to GND ....................................-0.3V to (VL + 0.3V)
DH to GND....................................................-0.3V to (VP + 0.3V)
CS to GND ....................................................-2.0V to (VP + 0.3V)
REF Short Circuit to GND ...........................................Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VVP = 15V, VL enabled, CVL = 1µF, CREF = 0.1µF, TA = 0 to +85°C, unless otherwise noted. Typical values are at TA = +25
°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VP Input Voltage Range
VVP
520
V
VL Input Voltage Range
VVL
VL (overdriven)
4.75
5.25
V
OUT Output Voltage
(MAX1762, 1.8V Fixed)
VOUT
VVP = 5V to 20V, VVL = 4.75V to 5.25V,
FB = GND, continuous conduction mode
1.773
1.8
1.827
V
OUT Output Voltage
(MAX1762, 2.5V Fixed)
VOUT
VVP = 5V to 20V, VVL = 4.75V to 5.25V,
FB = VL, continuous conduction mode
2.463
2.5
2.538
V
OUT Output Voltage
(MAX1791, 3.3V Fixed)
VOUT
VVP = 5V to 20V, VVL = 4.75V to 5.25V,
FB = GND, continuous conduction mode
3.250
3.3
3.350
V
OUT Output Voltage
(MAX1791, 5V Fixed)
VOUT
VVP = 7V to 20V, VVL = 4.75V to 5.25V,
FB = VL, continuous conduction mode
4.925
5
5.075
V
OUT Output Voltage (Adj Mode)
VVP = 5V to 20V, VVL = 4.75V to 5.25V,
FB = OUT, continuous conduction mode
1.231
1.250
1.269
V
Output Voltage Adjust Range
0.5
5.5
V
OUT Input Resistance
Adjustable-output mode
300
800
1700
k
FB Input Bias Current
VFB = 1.3V
-0.1
0.1
µA
Soft-Start Ramp Time
Zero to full ILIM
1700
µs
VOUT = 1.25V, VVP = 6V
666
740
814
On-Time (Note 2)
tON
VOUT = 5V, VVP = 6V
2550
2830
3110
ns
Minimum Off-Time
tOFF
(Note 2)
300
400
500
ns
VL Quiescent Supply Current
FB = GND, VVL = 5V, OUT forced above the
regulation point
153
260
µA
VVL = float
227
410
VP Quiescent Supply Current
FB = GND, OUT forced
above the regulation point,
VVP = 20V
VVL = 5V
93
200
µA
VL Shutdown Supply Current
VVL = 5V, SHDN = GND
2
15
µA
VP Shutdown Supply Current
SHDN = GND, measured at VP, VVL = 0 or 5V
412
µA
VL Output Voltage
ILOAD = 0 to 25mA, VVP = 5V to 20V
4.5
4.65
4.75
V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - MAX1791EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
MAX1790 MAXIM-MAX1790 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
MAX1790 MAXIM-MAX1790 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
MAX1790EUA MAXIM-MAX1790EUA Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
MAX1790EUA MAXIM-MAX1790EUA Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
More results

Similar Description - MAX1791EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744_09 Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Texas Instruments
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Texas Instruments
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
logo
Linear Technology
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com