Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS2800S Datasheet(PDF) 10 Page - International Rectifier

Part # ATS2800S
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATS2800S Datasheet(HTML) 10 Page - International Rectifier

Back Button ATS2800S Datasheet HTML 2Page - International Rectifier ATS2800S Datasheet HTML 3Page - International Rectifier ATS2800S Datasheet HTML 4Page - International Rectifier ATS2800S Datasheet HTML 5Page - International Rectifier ATS2800S Datasheet HTML 6Page - International Rectifier ATS2800S Datasheet HTML 7Page - International Rectifier ATS2800S Datasheet HTML 8Page - International Rectifier ATS2800S Datasheet HTML 9Page - International Rectifier ATS2800S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.irf.com
ATS SERIES
(28V Input, Single/Dual Output)
Part Numbering
Notes:
 Best commercial practice
‚ Sample tests at low and high temperatures
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SAN JOSE: 2520 Junction Avenue, San Jose, California 95134, Tel: (408) 434-5000
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 11/2012
Device Screening
Requirement
MIL-STD-883 Method
No Suffix
ES d
HB
CH
Temperature Range
-20°C to +85°C
-55°C to +85°C
-55°C to +85°C -55°C to +85°C
Element Evaluation
MIL-PRF-38534
N/A
N/A
N/A
Class H
Non-Destructive
Bond Pull
Internal Visual
2017
c
Yes
Yes
Yes
Temperature Cycle
1010
N/A
Cond B
Cond C
Cond C
Constant Acceleration
2001, Y1 Axis
N/A
500 Gs
3000 Gs
3000 Gs
PIND
2020
N/A
N/A
N/A
N/A
Burn-In
1015
N/A
48 hrs@hi temp
160 hrs@125°C 160 hrs@125°C
Final Electrical
MIL-PRF-38534
25°C
25°C
d
-55°C, +25°C,
-55°C, +25°C,
( Group A )
& Specification
+85°C
+85°C
PDA
MIL-PRF-38534
N/A
N/A
N/A
10%
Seal, Fine and Gross
1014
Cond A
Cond A, C
Cond A, C
Cond A, C
Radiographic
2012
N/A
N/A
N/A
N/A
External Visual
2009
c
Yes
Yes
Yes
N/A
N/A
2023
N/A
N/A
ATS 28 05 S /CH
Model
Input Voltage
28 = 28V
Output Voltage
Single: 03R3 = 3.3V, 05 = 5V
12 = 12V, 15 = 15V
Dual: 05 = ±5V, 12 = ±12V
15 = ±15V
Output
S = Single
D = Dual
Screening Level
(Please refer to Screening Table)
No Suffix, ES, HB, CH


Similar Part No. - ATS2800S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATS2803R3DCH IRF-ATS2803R3DCH Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3DES IRF-ATS2803R3DES Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3DHB IRF-ATS2803R3DHB Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3S IRF-ATS2803R3S Datasheet
145Kb / 10P
   HIGH RELIABILITY DC/DC CONVERTER
ATS2803R3SCH IRF-ATS2803R3SCH Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - ATS2800S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com