Part Name
         Description
MAX1760

 0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter ( 12 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 2 page
background image
0.8A, Low-Noise, 1MHz,
Step-Up DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(CLK/SEL = ON = FB = PGND = GND, ISET = REF, OUT = POUT, VOUT = 3.6V, TA = 0°C to +85°C. Typical values are at TA =
+25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ON, OUT, CLK/SEL to GND .....................................-0.3V to +6V
PGND to GND.....................................................................±0.3V
LX to PGND ............................................-0.3V to (VPOUT + 0.3V)
POUT to OUT ......................................................................±0.3V
REF, FB, ISET, POUT to GND...................-0.3V to (VOUT + 0.3V)
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC-DC CONVERTER
Input Voltage Range (Note 1)
0.7
5.5
V
Minimum Startup Voltage (Note 2)
ILOAD < 1mA, TA = +25
°C
0.9
1.1
V
Temperature Coefficient of Startup Voltage
ILOAD < 1mA
-2.3
mV/
°C
Frequency in Startup Mode
VOUT = 1.5V
125
500
1000
kHz
Internal Oscillator Frequency
CLK/SEL = OUT
0.8
1
1.2
MHz
Oscillator Maximum Duty Cycle (Note 3)
80
86
90
%
External Clock Frequency Range
0.5
1.2
MHz
Output Voltage
VFB < 0.1V, CLK/SEL = OUT, includes load
regulation for 0 < ILX < 0.55A
3.17
3.3
3.38
V
FB Regulation Voltage
Adjustable output, CLK/SEL = OUT, includes
load regulation for 0 < ILX < 0.55A
1.215
1.240
1.270
V
FB Input Leakage Current
VFB = 1.35V
0.01
100
nA
Load Regulation
CLK/SEL = OUT, no load to full load
(0 < ILX < 1.0A)
-1.5
%
Output Voltage Adjust Range
2.5
5.5
V
Output Voltage Lockout Threshold (Note 4)
Rising edge
2.00
2.15
2.30
V
ISET Input Leakage Current
VISET = 1.25V
±0.01
±50
nA
Supply Current in Shutdown
V ON = 3.6V
0.1
5
µA
No-Load Supply Current (Note 5)
CLK/SEL = GND
100
185
µA
No-Load Supply Current Forced PWM Mode
CLK/SEL = OUT
2.5
mA
DC-DC SWITCHES
POUT Leakage Current
VLX = 0, VOUT = 5.5V
0.1
10
µA
LX Leakage Current
VLX = V ON = VOUT = 5.5V
0.1
10
µA
N-channel
0.15
0.28
Switch On-Resistance
P-channel
0.25
0.45
N-Channel Current Limit
1.0
1.25
1.6
A
P-Channel Turn-Off Current
CLK/SEL = GND
20
60
120
mA



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX17631.5A Low-Noise 1MHz Step-Up DC-DC Converter 1 2 3 4 5 MoreMaxim Integrated Products
G5105Low-Noise Step-up DC-DC Converter 1 2 3 4 5 MoreGlobal Mixed-mode Technology Inc
MAX1765800mA Low-Noise Step-Up DC-DC Converter with 500mA Linear Regulator 1 2 3 4 5 MoreMaxim Integrated Products
AZ340630.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AZ34063C0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX1790Low-Noise Step-Up DC-DC Converter 1 2 3 4 5 MoreMaxim Integrated Products
MAX16781-Cell to 2-Cell Low-Noise High-Efficiency Step-Up DC-DC Converter 1 2 3 4 5 MoreMaxim Integrated Products
MAX17031-Cell to 3-Cell High-Power 1.5A Low-Noise Step-Up DC-DC Converter 1 2 3 4 5 MoreMaxim Integrated Products
MAX1708High-Frequency High-Power Low-Noise Step-Up DC-DC Converter 1 2 3 4 5 MoreMaxim Integrated Products
MAX17094A Low-Noise High-Frequency Step-Up DC-DC Converter 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl