Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1760 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1760
Description  0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1760 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1760 Datasheet HTML 4Page - Maxim Integrated Products MAX1760 Datasheet HTML 5Page - Maxim Integrated Products MAX1760 Datasheet HTML 6Page - Maxim Integrated Products MAX1760 Datasheet HTML 7Page - Maxim Integrated Products MAX1760 Datasheet HTML 8Page - Maxim Integrated Products MAX1760 Datasheet HTML 9Page - Maxim Integrated Products MAX1760 Datasheet HTML 10Page - Maxim Integrated Products MAX1760 Datasheet HTML 11Page - Maxim Integrated Products MAX1760 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
time constant is:
where RSS
≥ 470k.
Placing a capacitor across the lower resistor of the cur-
rent-limiting resistive divider provides both current-limit
and soft-start features simultaneously (Figures 4 and 5).
Inductor Selection
The MAX1760’s high switching frequency allows the
use of a small 3.3µH surface-mount inductor. The cho-
sen inductor should generally have a saturation current
rating exceeding the N-channel switch current limit;
however, it is acceptable to bias the inductor current
into saturation by as much as 20% if a slight reduction
in efficiency is acceptable. Lower current-rated induc-
tors may be used if ISET is employed to reduce the
peak inductor current (see Setting the Switch Current
Limit and Soft-Start). For high efficiency, choose an
inductor with a high-frequency ferrite core material to
reduce core losses. To minimize radiated noise, use a
toroid or shielded inductor. See Table 3 for suggested
components and Table 4 for a list of component suppli-
ers. Connect the inductor from the battery to the LX pin
as close to the IC as possible.
External Diode
For output voltages greater than 4V, an external
Schottky diode must be connected from LX to POUT, in
parallel with the on-chip synchronous rectifier (Figure
6). The diode should be rated for 0.5A. Representative
devices are Motorola MBR0520L, Nihon EP05Q03L, or
generic 1N5817. This external diode is also recom-
mended for applications that must start with input volt-
ages at or below 1.8V. The Schottky diode carries
current during startup and after the synchronous rectifi-
er turns off; thus, its current rating only needs to be
500mA. Connect the diode as close to the IC as possi-
ble. Do not use ordinary rectifier diodes; their slow
switching speeds and long reverse-recovery times ren-
der them unacceptable. For circuits that do not require
startup with inputs below 1.8V, and have an output of
4V or less, no external diode is needed.
Input and Output Filter Capacitors
Choose input and output filter capacitors that will ser-
vice the input and output peak currents with accept-
able voltage ripple. Choose input capacitors with
working voltage ratings over the maximum input volt-
tR
C
SS
SS
SS
=
0.8A, Low-Noise, 1MHz,
Step-Up DC-DC Converter
10
___________________________________________________
Table 3. Component Selection Guide
Sanyo POSCAP series
Sumida CDRH5D18
Kemet T510 series
Coilcraft LPT3305
Sumida CD43
Surface Mount
AVX TPS series
Coilcraft DS3316P
CAPACITORS
INDUCTORS
PRODUCTION METHOD
Motorola MBR0520L
EIC SB series
DIODES
Table 4. Component Suppliers
USA: 916-941-0712
EIC
USA: 847-639-6400
Coilcraft
USA: 847-956-0666
Japan: 011-81-3-3667-3302
Sumida
USA: 843-448-9411
AVX
PHONE
SUPPLIER
USA: 408-629-4789
Japan: 81-45-474-7030
Motorola
USA: 810-287-2536
Kemet
Note: Please indicate that you are using the MAX1760 when
contacting these component suppliers.
FB
PGND GND
POUT
MRB0520L
LX
ISET
OUT
REF
CLK/SEL
VIN = 0.7V
TO VOUT
VOUT
ON
MAX1760
100
µF
3.3
µH
0.68
µF
4.7
33
µF
0.22
µF
Figure 6. Connection with External Schottky Diode for Output
Voltages Greater than 4V, or to Assist Low-Voltage Startup


Similar Part No. - MAX1760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX17600 MAXIM-MAX17600 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600ASA++ MAXIM-MAX17600ASA+ Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX17600ASA++ MAXIM-MAX17600ASA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results

Similar Description - MAX1760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1763 MAXIM-MAX1763_11 Datasheet
660Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com