Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT190-50 Datasheet(PDF) 3 Page - Marktech Corporate

Part # UT190-50
Description  Gen III LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

UT190-50 Datasheet(HTML) 3 Page - Marktech Corporate

  UT190-50_15 Datasheet HTML 1Page - Marktech Corporate UT190-50_15 Datasheet HTML 2Page - Marktech Corporate UT190-50_15 Datasheet HTML 3Page - Marktech Corporate UT190-50_15 Datasheet HTML 4Page - Marktech Corporate UT190-50_15 Datasheet HTML 5Page - Marktech Corporate UT190-50_15 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
3
CPR3EP Rev A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxUT190-Sxxxx-31
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Sorteddiesheetscontaindiefrom
only one bin. Sorted die kit (CxxxUT190-Sxxxx-31) orders may be filled with any or all bins (CxxxUT190-xxxx-31)
contained in the kit. All radiant flux values are measured at If = 20 mA and all dominant wavelength values are
measuredatIf=5mA.
Dominant Wavelength
C450UT190-S1200-31
C450UT190-0317-31
C450UT190-0318-31
C450UT190-0319-31
C450UT190-0320-31
C450UT190-0313-31
C450UT190-0314-31
C450UT190-0315-31
C450UT190-0316-31
C450UT190-0309-31
C450UT190-0310-31
C450UT190-0311-31
C450UT190-0312-31
C450UT190-0305-31
C450UT190-0306-31
C450UT190-0307-31
C450UT190-0308-31
447.5nm
450nm
452.5nm
445nm
455nm
18.0mW
16.0mW
14.0mW
12.0mW
C460UT190-S1200-31
C460UT190-0317-31
C460UT190-0318-31
C460UT190-0319-31
C460UT190-0320-31
C460UT190-0313-31
C460UT190-0314-31
C460UT190-0315-31
C460UT190-0316-31
C460UT190-0309-31
C460UT190-0310-31
C460UT190-0311-31
C460UT190-0312-31
C460UT190-0305-31
C460UT190-0306-31
C460UT190-0307-31
C460UT190-0308-31
Dominant Wavelength
457.5nm
460nm
462.5nm
455nm
465nm
18.0mW
16.0mW
14.0mW
12.0mW


Similar Part No. - UT190-50_15

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
logo
Marktech Corporate
UT190-50 MARKTECH-UT190-50 Datasheet
304Kb / 6P
   Gen III LEDs
More results

Similar Description - UT190-50_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT200-5 MARKTECH-RT200-5_15 Datasheet
376Kb / 6P
   Gen III LEDs
UT190-85 MARKTECH-UT190-85_15 Datasheet
300Kb / 6P
   Gen III LEDs
RT320-20 MARKTECH-RT320-20_15 Datasheet
375Kb / 6P
   Gen III LEDs
RT200-5 MARKTECH-RT200-5 Datasheet
376Kb / 6P
   Gen III LEDs
UT190-85 MARKTECH-UT190-85 Datasheet
300Kb / 6P
   Gen III LEDs
RT260-20 MARKTECH-RT260-20 Datasheet
387Kb / 6P
   Gen III LEDs
UT190-50 MARKTECH-UT190-50 Datasheet
304Kb / 6P
   Gen III LEDs
RT320-20 MARKTECH-RT320-20 Datasheet
375Kb / 6P
   Gen III LEDs
RT260-20 MARKTECH-RT260-20_15 Datasheet
387Kb / 6P
   Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com