Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1759 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1759
Description  Buck/Boost Regulating Charge Pump in uMAX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1759 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1759 Datasheet HTML 1Page - Maxim Integrated Products MAX1759 Datasheet HTML 2Page - Maxim Integrated Products MAX1759 Datasheet HTML 3Page - Maxim Integrated Products MAX1759 Datasheet HTML 4Page - Maxim Integrated Products MAX1759 Datasheet HTML 5Page - Maxim Integrated Products MAX1759 Datasheet HTML 6Page - Maxim Integrated Products MAX1759 Datasheet HTML 7Page - Maxim Integrated Products MAX1759 Datasheet HTML 8Page - Maxim Integrated Products MAX1759 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Buck/Boost Regulating
Charge Pump in µMAX
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(Circuit of Figure 1, CIN = 10µF, CX = 0.33µF, COUT = 10µF, VOUT = 3.3V, VIN = 2.5V, TA = +25°C, unless otherwise noted.)
NAME
FUNCTION
1
POK
Open-Drain Power-OK Output. POK is high impedance when output voltage is in regulation. POK sinks current
when VFB falls below 1.1V. Connect a 10k
Ω to 1MΩ pull-up resistor from POK to VOUT for a logic signal.
Ground POK or leave unconnected if not used. POK is high impedance in shutdown.
2
SHDN
Shutdown Input. Drive high for normal operation; drive low for shutdown mode. OUT is high impedance in
shutdown.
PIN
3, 4
IN
Input Supply. Connect both pins together and bypass to GND with a ceramic capacitor (see Capacitor
Selection section).
5
GND
Ground. Connect GND to PGND with a short trace.
9
OUT
Power Output. Bypass to GND with an output filter capacitor.
8
CXP
Positive Terminal of the Charge-Pump Transfer Capacitor
7
CXN
Negative Terminal of the Charge-Pump Transfer Capacitor
6
PGND
Power Ground. Charge-pump current flows through this pin.
10
FB
Dual-Mode Feedback. Connect FB to GND for 3.3V output. Connect to an external resistor divider to adjust
the output voltage from 2.5V to 5.5V.
Pin Description
1
2
-4.2V
-2.5V
100
µs/div
LINE-TRANSIENT RESPONSE
CH1: VOUT, 20mV/div, AC-COUPLED
CH2: VIN, 1V/div, AC-COUPLED
RLOAD = 33
1
2
3
4
500
µs/div
TURN-ON/OFF RESPONSE
(VIN = 4.2V)
CH1: VOUT,1V/div
CH2: IIN, 200mA/div
CH3: VPOK, 5V/div
CH4: VSHDN, 5V/div
RLOAD = 33
VIN = 4.2V
1
2
3
4
500
µs/div
TURN-ON/OFF RESPONSE
(VIN = 2.5V)
CH1: VOUT,1V/div
CH2: IIN, 200mA/div
CH3: VPOK, 5V/div
CH4: VSHDN, 5V/div
RLOAD = 33
VIN = 2.5V


Similar Part No. - MAX1759

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595 MAXIM-MAX17595 Datasheet
281Kb / 9P
   85V AC to 265V AC or 120V DC to 375V DC Input Range
Rev 2; 11/14
MAX17595ATE MAXIM-MAX17595ATE Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 4; 5/15
MAX17595ATE++ MAXIM-MAX17595ATE+ Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
MAX17595EVKIT MAXIM-MAX17595EVKIT Datasheet
281Kb / 9P
   85V AC to 265V AC or 120V DC to 375V DC Input Range
Rev 2; 11/14
More results

Similar Description - MAX1759

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
   400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
   700mA Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com