Electronic Components Datasheet Search |
|
SFP-2260 Datasheet(PDF) 1 Page - Level One |
|
SFP-2260 Datasheet(HTML) 1 Page - Level One |
|
1 / 1 page 125M SMF SFP Transceiver (60km, 1310nm, -40 to 85C) Features - Duplex LC connector - IEEE802.3z Gigabit Ethernet compliant - 3.3V Single power supply - Hot-swappable - RoHS compliant and Lead Free - Low EMI with metal housing - Industrial operating temperature range -40 to 85C SFP-2260 Diagrams Unit: mm LevelOne Innity Small Form Factor Pluggable (SFP) transceiver is compatible with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA). It complies with Gigabit Ethernet as specied in IEEE Std 802.3, as well as the RoHS compliant and lead-free per Directive 2002/95/EC. This Hot-swappable SFP transceiver o ers the latest industry standard in full-duplex Ethernet connectivity and withstand under wide range temperature operation. Specications Form Factor SFP LC 1310nm 60km 125Mbps Connector Wavelength Distance Data Rate (Max) -5dBm 0dBm -40 to 85C -40 to 85C CE, FCC, RoHS Transmit Power (min) Transmit Power (max) Operating Temperature Storage Temperature Approval Ordering Information www.level1.com one world_one brand_one level_ SFP-4200 - 1.25G MMF SFP Transceiver (550m, 850nm, -20 to 85C) SFP-4210 - 1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C) SFP-4240 - 1.25G SMF SFP Transceiver (40km, 1310nm, -40 to 85C) SFP-4270 - 1.25G SMF SFP Transceiver (70km, 1550nm, -40 to 85C) SFP-4310 - 1.25G BIDI SMF SFP Transceiver (10km, T1310/R1550, -40 to 85C) SFP-4320 - 1.25G BIDI SMF SFP Transceiver (10km, T1550/R1310, -40 to 85C) SFP-4330 - 1.25G BIDI SMF SFP Transceiver (20km, T1310/R1550, -40 to 85C) SFP-4340 - 1.25G BIDI SMF SFP Transceiver (20km, T1550/R1310, -40 to 85C) SFP-4350 - 1.25G BIDI SMF SFP Transceiver (40km, T1310/R1550, -40 to 85C) SFP-4360 - 1.25G BIDI SMF SFP Transceiver (40km, T1550/R1310, -40 to 85C) SFP-4370 - 1.25G BIDI SMF SFP Transceiver (60km, T1310/R1550, -40 to 85C) SFP-4380 - 1.25G BIDI SMF SFP Transceiver (60km, T1550/R1310, -40 to 85C) SFP-2100 - 155M MMF SFP Transceiver (2km, 850nm, -20 to 85C) SFP-2200 - 155M MMF SFP Transceiver (2km, 1310nm, -40 to 85C) SFP-2230 - 155M SMF SFP Transceiver (30km, 1310nm, -40 to 85C) SFP-2260 - 155M SMF SFP Transceiver (60km, 1310nm, -40 to 85C) SFP-2280 - 155M SMF SFP Transceiver (80km, 1310nm, -40 to 85C) SFP-2300 - 155M SMF SFP Transceiver (20km, 1550nm, -40 to 85C) SFP-2310 - 155M SMF SFP Transceiver (100km, 1550nm, -40 to 85C) SFP-2320 - 155M SMF SFP Transceiver (120km, 1550nm, -40 to 85C) - Gigabit - Fast Ethernet TX RX 55.50 56.60 6.25 8.00 45.00 |
Similar Part No. - SFP-2260 |
|
Similar Description - SFP-2260 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |