Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHP2700S Datasheet(PDF) 2 Page - International Rectifier

Part # AHP2700S
Description  HYBRID - HIGH RELIABILITY DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHP2700S Datasheet(HTML) 2 Page - International Rectifier

  AHP2700S Datasheet HTML 1Page - International Rectifier AHP2700S Datasheet HTML 2Page - International Rectifier AHP2700S Datasheet HTML 3Page - International Rectifier AHP2700S Datasheet HTML 4Page - International Rectifier AHP2700S Datasheet HTML 5Page - International Rectifier AHP2700S Datasheet HTML 6Page - International Rectifier AHP2700S Datasheet HTML 7Page - International Rectifier AHP2700S Datasheet HTML 8Page - International Rectifier AHP2700S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
AHP270XXS Series
For Notes to Specifications, refer to page 4
Static Characteristics -55°C ≤ TCASE ≤ +125°C, 160 VIN 400 unless otherwise specified.
Specifications
Input voltage
-0.5V to +500V
Soldering temperature
300°C for 10 seconds
O perating case temperature
-55°C to +125°C
Storage case tem perature
-65°C to +135°C
Absolute M axim um Ratings
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
160
270
400
V
OUTPUT VOLTAGE
AHP27003R3S
AHP27005S
AHP27006S
AHP27009S
AHP27012S
AHP27015S
AHP27025S
AHP27028S
AHP27003R3S
AHP27005S
AHP27006S
AHP27009S
AHP27012S
AHP27015S
AHP27025S
AHP27028S
1
1
1
1
1
1
1
1
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
VIN = 270 Volts, 100% Load
3.27
4.95
5.94
8.91
11.88
14.85
24.75
27.72
3.24
4.90
5.88
8.82
11.76
14.70
24.50
27.44
3.30
5.00
6.00
9.00
12.00
15.00
25.00
28.00
3.33
5.05
6.06
9.09
12.12
15.15
25.25
28.28
3.36
5.10
6.12
9.18
12.24
15.30
25.50
28.56
V
OUTPUT CURRENT
AHP27003R3S
AHP27005S
AHP27006S
AHP27009S
AHP27012S
AHP27015S
AHP27025S
AHP27028S
VIN = 160, 270, 400 Volts - Note 6
20
16
13.5
10.0
9.0
8.0
4.0
4.0
A
OUTPUT POWER
AHP27003R3S
AHP27005S
AHP27006S
AHP27009S
AHP27012S
AHP27015S
AHP27025S
AHP27028S
Note 6
66
80
81
90
108
120
100
112
W
MAXIMUM CAPACITIVE LOAD
Note 1
10,000
µF
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 270 Volts, 100% Load–Notes1, 6 -0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
AHP27025S/ AHP27028S
Line
All Others
Line
Load
1, 2, 3
1, 2, 3
1, 2, 3
No Load, 50% Load, 100% Load
VIN = 160, 270, 400 Volts – Note10
-100
-10
-1.0
+100
+10
+1.0
mV
mV
%


Similar Part No. - AHP2700S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
AHP27005DWCH IRF-AHP27005DWCH Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP27005DWCH IRF-AHP27005DWCH Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP27005DWES IRF-AHP27005DWES Datasheet
215Kb / 10P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
AHP27005DWES IRF-AHP27005DWES Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AHP2700S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com