Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1757 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1757
Description  Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1757 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1757 Datasheet HTML 3Page - Maxim Integrated Products MAX1757 Datasheet HTML 4Page - Maxim Integrated Products MAX1757 Datasheet HTML 5Page - Maxim Integrated Products MAX1757 Datasheet HTML 6Page - Maxim Integrated Products MAX1757 Datasheet HTML 7Page - Maxim Integrated Products MAX1757 Datasheet HTML 8Page - Maxim Integrated Products MAX1757 Datasheet HTML 9Page - Maxim Integrated Products MAX1757 Datasheet HTML 10Page - Maxim Integrated Products MAX1757 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Stand-Alone, Switch-Mode
Li+ Battery Charger with Internal 14V Switch
_______________________________________________________________________________________
7
4.194
4.196
4.195
4.197
4.200
4.201
4.199
4.198
4.202
0
200 300 400 500
100
600 700 800 900 1000
REFERENCE LOAD REGULATION
REFERENCE LOAD (
µA)
1000
0.1
0.1
1
10
TIMEOUT vs. TIMER1 CAPACITANCE
1
CAPACITANCE (nF)
10
100
PREQUALIFICATION MODE
TOP-OFF MODE
VOLTAGE MODE
1000
1
0.1
1
10
FAST-CHARGE TIMEOUT
vs. TIMER2 CAPACITANCE
10
CAPACITANCE (nF)
100
50
60
70
80
90
100
6
8
10
12
14
EFFICIENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
ICHG = 1.0A
2 CELLS
1 CELL
3.95
4.05
4.00
4.15
4.10
4.25
4.20
4.30
4.40
4.35
4.45
0
1.0 1.5 2.0
0.5
2.5 3.0 3.5 4.0 4.5
VOLTAGE LIMIT
vs. VADJ VOLTAGE
VADJ VOLTAGE (V)
4.185
4.195
4.190
4.205
4.200
4.210
4.215
-40
20
40
-20
0
60
80
100
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics
(Circuit of Figure 1, VDCIN = 12V, V SHDN = VVL, VCELL = GND, VVADJ = VREF/2, VISETIN = VISETOUT = VREF, see Figure 1, TA = +25°C,
unless otherwise noted.)
0
1.0
0.5
2.5
2.0
1.5
4.0
3.5
3.0
4.5
0
0.6
0.8
0.2
0.4
1.0
1.2
1.4
1.6
BATTERY VOLTAGE
vs. CHARGING CURRENT
CHARGING CURRENT (A)
0
0.4
0.2
1.0
0.8
0.6
1.4
1.2
1.6
0
1.5 2.0
0.5 1.0
2.5 3.0 3.5 4.0 4.5
CHARGING CURRENT
vs. ISETOUT VOLTAGE
ISETOUT VOLTAGE (V)
0
20
40
60
80
100
120
01.0
0.5
1.5 2.0 2.5 3.0 3.5 4.0 4.5
INPUT CURRENT-SENSE REGULATION VOLTAGE
vs. ISETIN VOLTAGE
ISETIN VOLTAGE (V)


Similar Part No. - MAX1757

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1757 MAXIM-MAX1757 Datasheet
153Kb / 5P
   Fully Assembled and Tested
Rev 0; 10/00
MAX1757 MAXIM-MAX1757 Datasheet
828Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
2015
logo
Analog Devices
MAX17570 AD-MAX17570 Datasheet
3Mb / 29P
   4.5V to 60V, 300mA, Ultra Small, High- Efficiency Synchronous Step-Down DC-DC Converters
Rev 1; 7/23
MAX17570AATA++ AD-MAX17570AATA+ Datasheet
3Mb / 29P
   4.5V to 60V, 300mA, Ultra Small, High- Efficiency Synchronous Step-Down DC-DC Converters
Rev 1; 7/23
MAX17570AATA+T AD-MAX17570AATA+T Datasheet
3Mb / 29P
   4.5V to 60V, 300mA, Ultra Small, High- Efficiency Synchronous Step-Down DC-DC Converters
Rev 1; 7/23
More results

Similar Description - MAX1757

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1757 MAXIM-MAX1757_V01 Datasheet
828Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
2015
MAX1758 MAXIM-MAX1758 Datasheet
224Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 28V Switch
19-1752; Rev 1; 1/01
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com