Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1748 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1748
Description  Triple-Output TFT LCD DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1748 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1748 Datasheet HTML 1Page - Maxim Integrated Products MAX1748 Datasheet HTML 2Page - Maxim Integrated Products MAX1748 Datasheet HTML 3Page - Maxim Integrated Products MAX1748 Datasheet HTML 4Page - Maxim Integrated Products MAX1748 Datasheet HTML 5Page - Maxim Integrated Products MAX1748 Datasheet HTML 6Page - Maxim Integrated Products MAX1748 Datasheet HTML 7Page - Maxim Integrated Products MAX1748 Datasheet HTML 8Page - Maxim Integrated Products MAX1748 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX1748 triple-output DC-DC converter in a low-
profile TSSOP package provides the regulated voltages
required by active matrix, thin-film transistor (TFT) liquid
crystal displays (LCDs). One high-power DC-DC con-
verter and two low-power charge pumps convert the
+3.3V to +5V input supply voltage into three independent
output voltages.
The primary high-power DC-DC converter generates a
boosted output voltage (VMAIN) up to 13V that is regu-
lated within ±1%. The low-power BiCMOS control cir-
cuitry and the low on-resistance (0.35
Ω) of the
integrated power MOSFET allows efficiency up to 93%.
The 1MHz current-mode PWM architecture provides
fast transient response and allows the use of ultra-small
inductors and ceramic capacitors.
The dual charge pumps independently regulate one
positive output (VPOS) and one negative output (VNEG).
These low-power outputs use external diode and
capacitor stages (as many stages as required) to regu-
late output voltages up to +40V and down to -40V. A
proprietary regulation algorithm minimizes output rip-
ple, as well as capacitor sizes for both charge pumps.
The MAX1748 is available in the ultra-thin TSSOP pack-
age (1.1mm max height).
________________________Applications
TFT Active Matrix LCD Displays
Passive Matrix LCD Displays
PDAs
Digital Still Cameras
Camcorders
Features
o Three Integrated DC-DC Converters
o 1MHz Current-Mode PWM Boost Regulator
Up to +13V Main High-Power Output
±1% Accuracy
High Efficiency (93%)
o Dual Charge-Pump Outputs
Up to +40V Positive Charge-Pump Output
Down to -40V Negative Charge-Pump Output
o Internal Supply Sequencing
o Internal Power MOSFETs
o +2.7V to +5.5V Input Supply
o 0.1µA Shutdown Current
o 0.6mA Quiescent Current
o Internal Soft-Start
o Power-Ready Output
o Ultra-Small External Components
o Thin TSSOP Package (1.1mm max)
Triple-Output TFT LCD DC-DC Converter
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RDY
TGND
LX
PGND
SUPP
DRVP
SUPN
DRVN
SHDN
TOP VIEW
MAX1748
TSSOP
FB
INTG
REF
IN
GND
FBP
FBN
Pin Configuration
19-1740; Rev 0; 6/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Ordering Information
Typical Operating Circuit appears at end of data sheet.
16 TSSOP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
MAX1748EUE
PART


Similar Part No. - MAX1748

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
MAX17480 MAXIM-MAX17480 Datasheet
994Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX17480GTL++ MAXIM-MAX17480GTL+ Datasheet
994Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX17482 MAXIM-MAX17482 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17482GTL++ MAXIM-MAX17482GTL+ Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
More results

Similar Description - MAX1748

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
   Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
   Quad-Output TFT LCD Bias DC-DC Converter
logo
Linear Technology
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Maxim Integrated Produc...
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
   DC/DC Converter for TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com