Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1744EUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1744EUB
Description  High-Voltage, Step-Down DC-DC Controller in uMAX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1744EUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1744EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1744EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1744EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1744EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1744EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1744EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1744EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1744EUB Datasheet HTML 8Page - Maxim Integrated Products MAX1744EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-Voltage, Step-Down DC-DC
Controller in µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = SHDN = 5.5V to 36V, 3/5 = GND, ILOAD = 0, TA = 0°C to +85°C, unless otherwise noted. Typical values at VIN = SHDN =
36V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, EXT, SHDN to GND...........................................-0.3V to +38V
VH to GND..............................................................-0.3V to +34V
VH, EXT to IN............................................................-7V to +0.3V
CS, OUT to GND ....................................................-0.3V to +20V
FB, 3/5, REF to GND .....................................-0.3V to (VL + 0.3V)
VL to GND...................................................................-0.3V to 6V
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above 70°C) .............444mW
Operating Temperature Range
MAX174_EUB ..................................................-40°C to +85°C
MAX174_AUB ................................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
4.5
36
V
Supply Current into IN
SHDN = VIN = 5.5V to 36V
90
140
µA
Shutdown Supply Current
SHDN = GND
4
12
µA
3/5 = VL
4.85
5.00
5.15
Output Voltage (MAX1744)
3/5 = GND
3.20
3.30
3.40
V
OUT Input Current (MAX1744)
3/5 = VL, VOUT = 5V
28
44
µA
FB Threshold Voltage (MAX1745)
Falling edge, hysteresis = 8mV
1.22
1.25
1.28
V
FB Input Current (MAX1745)
-50
50
nA
VH Output Voltage with Respect to IN
VIN = 5.5V to 36V, IVH = 100µA to 20mA
-6.0
-5.3
-4.3
V
VL Output Voltage
VIN = 5.5V to 36V, IVL = 100µA to 2mA
4.5
5.0
5.5
V
VL Undervoltage Lockout
2.0
3.0
4.1
V
VCS = VOUT = 2.5V to 18V
85
100
115
CS Threshold Voltage
VCS = VOUT = GND
80
110
150
mV
VCS = VOUT = 2.5V to 18V
0
15
25
CS Input Current
VCS = VOUT = GND
-25
0
µA
SHDN, 3/5 Logic-High Threshold
VIN = 4.5V to 36V
2.4
V
SHDN, 3/5 Logic-Low Threshold
VIN = 4.5V to 36V
0.4
V
3/5 Input Current
SHDN = GND
±1µA
3/5 = GND
±1
SHDN Input Current
SHDN = 36V
12
µA
EXT Resistance
820
Minimum EXT Off-Time
1.5
2.0
2.5
µs
Minimum EXT On-Time
0.7
1.0
1.5
µs
Output Line Regulation
Figure 1, 5.5V < VIN < 36V, ILOAD = 1A
5
mV/V
Output Load Regulation
Figure 1, VIN = 12V, 30mA < ILOAD < 2A
15
mV/A
Reference Voltage
IREF = 0
1.22
1.25
1.28
V
REF Load Regulation
0
≤ IREF ≤ 100µA
4
10
mV
REF Line Regulation
VIN = 4.5V to 36V, IREF = 0
30
60
µV/V


Similar Part No. - MAX1744EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744EUB++ MAXIM-MAX1744EUB+ Datasheet
272Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
MAX1744EUB++ MAXIM-MAX1744EUB+ Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
MAX1744EUB/V++ MAXIM-MAX1744EUB/V+ Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
More results

Similar Description - MAX1744EUB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com