Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT290-5 Datasheet(PDF) 4 Page - Marktech Corporate

Part # RT290-5
Description  LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

RT290-5 Datasheet(HTML) 4 Page - Marktech Corporate

  RT290-5_15 Datasheet HTML 1Page - Marktech Corporate RT290-5_15 Datasheet HTML 2Page - Marktech Corporate RT290-5_15 Datasheet HTML 3Page - Marktech Corporate RT290-5_15 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Copyright © 2003-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and RazerThin are registered trademarks of Cree, Inc.
4
CPR3BU Rev. D
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves
These are representative measurements for the RazerThin products. Actual curves will vary slightly for the various
radiant flux and dominant wavelength bins.
Forward Current vs Forward Voltage
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Volts
Wavelength Shift vs Forward Current
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
2.00
4.00
6.00
8.00
10.00
0
5
10
15
20
25
30
If (mA)
527nm
470nm
Relative Intensity vs Wavelength - All Products
0%
20%
40%
60%
80%
100%
Wavelength (nm)
500
470 nm
527 nm
Relative Intensity vs Forward Current
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
If (mA)


Similar Part No. - RT290-5_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
More results

Similar Description - RT290-5_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
UT230-80 MARKTECH-UT230-80 Datasheet
269Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547_15 Datasheet
449Kb / 5P
   LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com