Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL5000D Datasheet(PDF) 4 Page - International Rectifier

Part # AFL5000D
Description  HYBRID-HIGH RELIABILITY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5000D Datasheet(HTML) 4 Page - International Rectifier

  AFL5000D_15 Datasheet HTML 1Page - International Rectifier AFL5000D_15 Datasheet HTML 2Page - International Rectifier AFL5000D_15 Datasheet HTML 3Page - International Rectifier AFL5000D_15 Datasheet HTML 4Page - International Rectifier AFL5000D_15 Datasheet HTML 5Page - International Rectifier AFL5000D_15 Datasheet HTML 6Page - International Rectifier AFL5000D_15 Datasheet HTML 7Page - International Rectifier AFL5000D_15 Datasheet HTML 8Page - International Rectifier AFL5000D_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
AFL50XXD Series
Dynamic Characteristics -55°C < T
CASE < +125°C, VIN=50V unless otherwise specified.
Notes to Specifications:
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
LOAD TRANSIENT RESPONSE
AFL5005D
Amplitude
Either Output
Recovery
Amplitude
Recovery
AFL5012D
Amplitude
Either Output
Recovery
Amplitude
Recovery
AFL5015D
Amplitude
Either Output
Recovery
Amplitude
Recovery
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Note 2, 8
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
10%
⇒ 50%
50%
⇒ 10%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
10%
⇒ 50%
50%
⇒ 10%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
10%
⇒ 50%
50%
⇒ 10%
-450
-450
-750
-750
-750
-750
450
200
450
200
400
750
200
750
200
400
750
200
750
200
400
mV
µs
mV
µs
µs
mV
µs
mV
µs
µs
mV
µs
mV
µs
µs
LINE TRANSIENT RESPONSE
Amplitude
Recovery
Note 1, 2, 3
VIN Step = 30 ⇔ 80 Volts
-500
500
500
mV
µs
TURN-ON CHARACTERISTICS
Overshoot
Delay
4, 5, 6
4, 5, 6
Note 4
Enable 1, 2 on. (Pins 4, 12 high or
open)
50
75
250
120
mV
ms
LOAD FAULT RECOVERY
Same as Turn On Characteristics.
LINE REJECTION
MIL-STD-461D, CS101, 30Hz to 50KHz
Note 1
40
50
dB
1.
Parameters not 100% tested but are guaranteed to the limits specified in the table.
2.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of
VOUT at 50% load.
3.
Line transient transition time
≥ 100µs.
4.
Turn-on delay is measured with an input voltage rise time of between 100V and 500V per millisecond.
5.
Current limit point is that condition of excess load causing output voltage to drop to 90% of nominal.
6.
Parameter verified as part of another test.
7.
All electrical tests are performed with the remote sense leads connected to the output leads at the load.
8.
Load transient transition time
≥ 10µs.
9.
Enable inputs internally pulled high. Nominal open circuit voltage
≈ 4.0VDC.
10.
Load current split equally between +Vout and -Vout.
11.
Output load must be distributed so that a minimum of 20% of the total output power is being provided by
one of the outputs.
12.
Cross regulation measured with load on tested output at 20% while changing the load on other output from
20% to 80%.


Similar Part No. - AFL5000D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5000S IRF-AFL5000S Datasheet
209Kb / 12P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AFL5000S IRF-AFL5000S_15 Datasheet
209Kb / 12P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - AFL5000D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
International Rectifier
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
logo
Delta Electronics, Inc.
DVME28 DELTA-DVME28 Datasheet
265Kb / 13P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com