Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1737EEI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1737EEI
Description  Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1737EEI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1737EEI Datasheet HTML 5Page - Maxim Integrated Products MAX1737EEI Datasheet HTML 6Page - Maxim Integrated Products MAX1737EEI Datasheet HTML 7Page - Maxim Integrated Products MAX1737EEI Datasheet HTML 8Page - Maxim Integrated Products MAX1737EEI Datasheet HTML 9Page - Maxim Integrated Products MAX1737EEI Datasheet HTML 10Page - Maxim Integrated Products MAX1737EEI Datasheet HTML 11Page - Maxim Integrated Products MAX1737EEI Datasheet HTML 12Page - Maxim Integrated Products MAX1737EEI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Stand-Alone Switch-Mode
Lithium-Ion Battery-Charger Controller
_______________________________________________________________________________________
9
Detailed Description
The MAX1737 includes all of the functions necessary to
charge between one and four series Li+ battery cells. It
includes a high-efficiency synchronous-rectified step-
down DC-DC converter that controls charging voltage
and current. It also includes input source-current limit-
ing, battery temperature monitoring, battery undervolt-
age precharging, battery fault indication, and a state
machine with timers for charge termination.
The DC-DC converter uses an external dual N-channel
MOSFET as a switch and a synchronous rectifier to
convert the input voltage to the charging current or volt-
age. The typical application circuit is shown in Figure 1.
Figure 2 shows a typical charging sequence and
Figure 3 shows the block diagram. Charging current is
set by the voltage at ISETOUT and the voltage across
R18. The battery voltage is measured at the BATT pin.
The battery regulation voltage is set to 4.2V per cell
and can be adjusted ±5% by changing the voltage at
the VADJ pin. By limiting the adjust range, the voltage
27
26
22
23
25
24
21
20
19
7
4
28
CSSP
DCIN
CSSN
VLO
BST
DHI
LX
DLO
PGND
CS
BATT
THM
REF
ISETIN
VL
SHDN
ISETOUT
VADJ
CELL
GND
CCV
CCI
CCS
TIMER1
TIMER2
R12
Li+
BATTERY
(1 TO 4 CELLS)
L1
R18
22
µH
FAULT
FULLCHG
FULL CHARGE
FAST CHARGE
FAULT
FASTCHG
C6
47nF
C13
1nF
C14
1nF
1nF
C5
47nF
C4
C3
1
µF
C1
4.7
µF
C18
22
µF
C19
22
µF
SYSTEM
LOAD
INPUT
SUPPLY
C2
0.1
µF
C7
0.1
µF
C8
0.1
µF
R1
10k
R8
D1
D3
D2
R9
0.1
µF
16
11
9
6
12
3
8
2
5
18
1
10
13
14
17
15
0.1
µF
0.1
µF
C15
68
µF
C9
0.1
µF
C11
0.1
µF
C10
0.1
µF
MAX1737
+
+
THERMISTOR
Figure 1. Typical Application Circuit


Similar Part No. - MAX1737EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1737EEI MAXIM-MAX1737EEI Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737EEI MAXIM-MAX1737EEI Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
More results

Similar Description - MAX1737EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
logo
Texas Instruments
UCC2956 TI-UCC2956 Datasheet
424Kb / 10P
[Old version datasheet]   Switch Mode Lithium-Ion Battery Charger Controller
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
   Switch-Mode Lithium-Ion Battery-Charger
2019
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
   Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Texas Instruments
BQ24620 TI-BQ24620 Datasheet
1Mb / 30P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Lithium Phosphate Battery Charger with Low Iq
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
[Old version datasheet]   Lithium-Ion Battery Charger Controller
logo
National Semiconductor ...
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com