Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV29B_600 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYV29B_600
Description  Rectifier diode ultrafast
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV29B_600 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYV29B_600_15 Datasheet HTML 1Page - NXP Semiconductors BYV29B_600_15 Datasheet HTML 2Page - NXP Semiconductors BYV29B_600_15 Datasheet HTML 3Page - NXP Semiconductors BYV29B_600_15 Datasheet HTML 4Page - NXP Semiconductors BYV29B_600_15 Datasheet HTML 5Page - NXP Semiconductors BYV29B_600_15 Datasheet HTML 6Page - NXP Semiconductors BYV29B_600_15 Datasheet HTML 7Page - NXP Semiconductors BYV29B_600_15 Datasheet HTML 8Page - NXP Semiconductors BYV29B_600_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BYV29B_600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 14 September 2011
5 of 13
NXP Semiconductors
BYV29B-600
Rectifier diode ultrafast
6.
Characteristics
Table 5.
Characteristics
Tj =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF =8A
Tj = 150 C; Figure 4
-
0.9
1.03
V
Tj =25 C; Figure 4
-
1.05
1.25
V
IF = 20 A
-
1.3
1.45
V
IR
reverse current
VR =VRRM
Tj = 100 C-
0.1
0.35
mA
Tj =25 C-
2
50
A
Dynamic characteristics
Cd
diode capacitance
f = 1 MHz; VR = 100 V; Figure 8
-7
-
pF
Qrr
reverse recovery charge
IF =2A; VR  30 V; dIF/dt = 20 A/s;
Figure 7
-40
70
nC
trr
reverse recovery time
IF =1A; VR  30 V; dIF/dt = 100 A/s;
Figure 5
-50
60
ns
Irrm
peak reverse recovery current
IF =10A; VR  30 V; dIF/dt = 50 A/s
Tj = 100 C; Figure 6
-3
5.5
A
Vfr
forward recovery voltage
IF =10A; dIF/dt = 10 A/s
-
3.2
-
V


Similar Part No. - BYV29B_600_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYV29B-600P WEEN-BYV29B-600P Datasheet
484Kb / 10P
   600P
More results

Similar Description - BYV29B_600_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYT79-600 PHILIPS-BYT79-600_15 Datasheet
183Kb / 10P
   Rectifier diode ultrafast
27 May 2015
BYT79-600 NXP-BYT79-600 Datasheet
68Kb / 9P
   Rectifier diode ultrafast
Rev. 01 - 16 October 2007
BYT79X-600 NXP-BYT79X-600 Datasheet
78Kb / 9P
   Rectifier diode ultrafast
Rev. 01-29 October 2007
BYV25D-600 NXP-BYV25D-600 Datasheet
73Kb / 9P
   Rectifier diode, ultrafast
Rev. 01-29 July 2008
BYV25X-600 NXP-BYV25X-600 Datasheet
79Kb / 9P
   Rectifier diode, ultrafast
Rev. 01-12 August 2008
BYV29G-600 NXP-BYV29G-600 Datasheet
167Kb / 11P
   Ultrafast rectifier diode
Rev. 01-4 February 2010
logo
WeEn Semiconductors
BYT79X-600 WEEN-BYT79X-600 Datasheet
357Kb / 10P
   Rectifier diode ultrafast
logo
NXP Semiconductors
BYV29B-600 NXP-BYV29B-600 Datasheet
208Kb / 12P
   Rectifier diode ultrafast
Rev. 01-11 August 2003
BYV29X-600 NXP-BYV29X-600 Datasheet
81Kb / 10P
   Rectifier diode ultrafast
Rev. 02-4 September 2007
BYT79X-600 PHILIPS-BYT79X-600_15 Datasheet
187Kb / 10P
   Rectifier diode ultrafast
27 May 2015
BYV25D-600 PHILIPS-BYV25D-600_15 Datasheet
73Kb / 9P
   Rectifier diode, ultrafast
Rev. 01-29 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com