Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1737 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1737
Description  Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1737 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1737 Datasheet HTML 1Page - Maxim Integrated Products MAX1737 Datasheet HTML 2Page - Maxim Integrated Products MAX1737 Datasheet HTML 3Page - Maxim Integrated Products MAX1737 Datasheet HTML 4Page - Maxim Integrated Products MAX1737 Datasheet HTML 5Page - Maxim Integrated Products MAX1737 Datasheet HTML 6Page - Maxim Integrated Products MAX1737 Datasheet HTML 7Page - Maxim Integrated Products MAX1737 Datasheet HTML 8Page - Maxim Integrated Products MAX1737 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Stand-Alone Switch-Mode
Lithium-Ion Battery-Charger Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VDCIN = VCSSN = VCSSP = +18V, SHDN = VL, CELL = GND, VBATT = VCS = +4.2V, VVADJ = VREF / 2, ISETIN =
ISETOUT = REF, RTHM = 10k
Ω, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
CSSP, CSSN, DCIN to GND ...................................-0.3V to +30V
BST, DHI to GND....................................................-0.3V to +36V
BST to LX..................................................................-0.3V to +6V
DHI to LX ..........................................-0.3V to ((BST - LX) + 0.3V)
LX to GND ...............................................-0.3V to (CSSN + 0.3V)
FULLCHG, FASTCHG, FAULT to GND ..................-0.3V to +30V
VL, VLO, SHDN, CELL, TIMER1, TIMER2, CCI,
CCS, CCV, REF, ISETIN, ISETOUT, VADJ,
THM to GND ........................................................-0.3V to +6V
DLO to GND...............................................-0.3V to (VLO + 0.3V)
BATT, CS to GND ...................................................-0.3V to +20V
PGND to GND, CSSP to CSSN..............................-0.3V to +0.3V
VL to VLO ..............................................................-0.3V to +0.3V
VL Source Current...............................................................50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin QSOP (derate 10.8mW/°C above +70°C)........860mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
V
REF Output Voltage
SWITCHING REGULATOR
SUPPLY AND REFERENCE
With 1% VADJ resistors
-1
+1
Absolute Voltage Accuracy
Not including VADJ resistor tolerances
-0.8
+0.8
%
VVADJ = REF
VVADJ = GND
4.386
4.421
4.453
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
6.0V < VDCIN < 28V
SHDN = GND, VBATT = 19V
LX = VDCIN = 28V, SHDN = GND
IREF = 0 to 1mA
6V < VDCIN < 28V
VCSSN = VCSSP = VDCIN = 28V, SHDN = GND
In dropout fOSC /4, VCCV = 2.4V,
VBATT = 15V, CELL = VL
6.0V < VDCIN < 28V
VBATT = 15V, CELL = VL
IVL = 0 to 15mA
µA
0.1
5
BATT, CS Input Current
µA
0.1
10
LX Leakage
7
DHI, DLO On-Resistance
µA
210
CSSN + CSSP Off-State Leakage
%
97
98
LX Maximum Duty Cycle
kHz
270
300
330
PWM Oscillator Frequency
mA
57
DCIN Quiescent Supply Current
V
628
DCIN Input Voltage Range
mV
614
REF Load Regulation
mV
26
REF Line Regulation
4.179
4.20
4.221
V
0.05
0.155
DCIN to BATT Undervoltage Threshold,
DCIN Falling
V
0.19
0.40
DCIN to BATT Undervoltage Threshold,
DCIN Rising
V
5.10
5.40
5.70
VL Output Voltage
mV
44
65
VL Output Load Regulation
225
500
CELL = SHDN = VL, VBATT = 17V
BATT, CS Input Voltage Range
Battery Regulation Voltage (VBATTR)
CELL = float, GND, VL, or REF (Note 1)
019
4.167
4.2
4.233
V
V/cell
Battery Regulation Voltage Adjustment
Range
VCCV = 2V
3.948
3.979
4.010
V/cell


Similar Part No. - MAX1737

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737EEI MAXIM-MAX1737EEI Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737EEI MAXIM-MAX1737EEI Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
MAX1737EVKIT MAXIM-MAX1737EVKIT Datasheet
165Kb / 5P
   MAX1737 Evaluation Kit
Rev 0;12/00
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
More results

Similar Description - MAX1737

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
logo
Texas Instruments
UCC2956 TI-UCC2956 Datasheet
424Kb / 10P
[Old version datasheet]   Switch Mode Lithium-Ion Battery Charger Controller
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
   Switch-Mode Lithium-Ion Battery-Charger
2019
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
   Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Texas Instruments
BQ24620 TI-BQ24620 Datasheet
1Mb / 30P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Lithium Phosphate Battery Charger with Low Iq
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
[Old version datasheet]   Lithium-Ion Battery Charger Controller
logo
National Semiconductor ...
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com