Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVT-0201 Datasheet(PDF) 2 Page - Level One

Part # GVT-0201
Description  1.25G SMF GBIC Transceiver, 10km, 1310nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GVT-0201 Datasheet(HTML) 2 Page - Level One

  GVT-0201 Datasheet HTML 1Page - Level One GVT-0201 Datasheet HTML 2Page - Level One GVT-0201 Datasheet HTML 3Page - Level One GVT-0201 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
L2 Managed GE
www.level1.com
I one world_one brand_one level_
PARAMETER
MIN
TYP.
MAX
UNITS
NOTE
Output Optical Power
9/125 μm fiber
-9.5
-5
-3
dBm
Average
Extinction Ratio
9
-
-
dB
Center Wavelength
1270
1310
1355
nm
Spectral Width (RMS)
-
-
2.5
nm
Rise/Fall Time, (20−80%) Tr, f
-
-
260
ps
Relative Intensity Noise RIN
-
-
-120
dB/Hz
Total Jitter TJ
-
-
227
ps
Output Eye
Compliant with IEEE802.3z
Max. Pout TX-DISABLE Asserted -
-
-35
dBm
Differential Input Voltage VDIFF 0.65
-
2.0
V
TX Disable Voltage-High
2.0
-
VCC
V
TX Disable Voltage-Low VIL
0
-
0.8
V
PARAMETER
MIN
TYP.
MAX
UNITS
NOTE
Optical Input Power-maximum -3
-
-
dBm
BER < 10−12
Optical Input Power-minimum
(Sensitivity) PIN
-
-25
-20
dBm
BER < 10−12
Operating Center Wavelength
1260
-
1610
nm
Optical Return Loss
12
-
-
dB
Signal Detect-Asserted
-
-
-20
dBm
Signal Detect-Deasserted
-35
-
-
dBm
Stressed Receiver Sensitivity
-
-
-14.4
dBm
Note 1, 2
Differential Output Voltage
0.37
-
2.0
V
Data Output Rise, Fall Time
(20−80%)
-
-
0.35
ns
Receiver Loss of Signal Output
Voltage-Low
0
-
0.5
V
Receiver Loss of Signal Output
Voltage-High
2.4
-
VCC
V
Receiver Loss of Signal Assert
Time (off to on)
-
-
100
μs
Receiver Loss of Signal Assert
Time (on to off)
-
-
100
μs
Note 1: Measured with conformance test signal at TP3 for BER = 10−12 at the eye center.
Note 2: Measured with a transmit signal having a 9 dB extinction ratio. If another extinction ratio is used, the Stressed receiver sensitivity
should be corrected for the extinction ratio penalty.
Transmitter Electro-optical Characteristics
Receiver Electro-optical Characteristics


Similar Part No. - GVT-0201

ManufacturerPart #DatasheetDescription
logo
Level One
GVT-0300 LVL1-GVT-0300 Datasheet
162Kb / 2P
   Mini GBIC SFP transceiver SX Multi-Mode (550m)
GVT-0300 LVL1-GVT-0300 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
GVT-0300 LVL1-GVT-0300 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
GVT-0300 LVL1-GVT-0300 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
GVT-0301 LVL1-GVT-0301 Datasheet
194Kb / 2P
   Mini GBIC SFP transceiver LX Single-Mode (10km)
More results

Similar Description - GVT-0201

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-4210 LVL1-SFP-4210 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
logo
ATGBICS by Approved Tec...
SFP-1.25G-LX10-C ATGBICS-SFP-1.25G-LX10-C Datasheet
322Kb / 9P
   SFP-1.25G-LX10 Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Level One
XFP-5211 LVL1-XFP-5211 Datasheet
268Kb / 4P
   10G SMF XFP Transceiver 10km 1310nm
SFP-9221 LVL1-SFP-9221 Datasheet
308Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1310/R1550nm
SFP-9231 LVL1-SFP-9231 Datasheet
314Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1550/R1310nm
logo
ATGBICS by Approved Tec...
NS-SYS-GBIC-MLX-C ATGBICS-NS-SYS-GBIC-MLX-C Datasheet
323Kb / 9P
   NS-SYS-GBIC-MLX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Level One
SFP-4240 LVL1-SFP-4240 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
SFP-4320 LVL1-SFP-4320 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
SFP-4310 LVL1-SFP-4310 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
SFP-4330 LVL1-SFP-4330 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com