Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL120D Datasheet(PDF) 5 Page - International Rectifier

Part # AFL120D
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL120D Datasheet(HTML) 5 Page - International Rectifier

  AFL120D_15 Datasheet HTML 1Page - International Rectifier AFL120D_15 Datasheet HTML 2Page - International Rectifier AFL120D_15 Datasheet HTML 3Page - International Rectifier AFL120D_15 Datasheet HTML 4Page - International Rectifier AFL120D_15 Datasheet HTML 5Page - International Rectifier AFL120D_15 Datasheet HTML 6Page - International Rectifier AFL120D_15 Datasheet HTML 7Page - International Rectifier AFL120D_15 Datasheet HTML 8Page - International Rectifier AFL120D_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.irf.com
5
AFL120XXD Series
Block Diagram
Figure I. AFL Dual Output
Figure II. Enable Input Equivalent Circuit
Pin 4 or
Pin 12
1N4148
100K
290K
150K
2N3904
+5.6V
Disable
Pin 2 or
Pin 8
Circuit Operation and Application Information
The switched voltage impressed on the secondary output
transformer windings is rectified and filtered to provide the
positive and negative converter output voltages. An error
amplifier on the secondary side compares the positive output
voltage to a precision reference and generates an error
signal proportional to the difference. This error signal is
magnetically coupled through the feedback transformer into
the control section of the converter varying the pulse width
of the square wave signal driving the MOSFETs, narrowing
the pulse width if the output voltage is too high and widening
it if it is too low. These pulse width variations provide the
necessary corrections to regulate the magnitude of output
voltage within its’ specified limits.
Because the primary portion of the circuit is coupled to the
secondary side with magnetic elements, full isolation from
input to output is maintained.
Although incorporating several sophisticated and useful
ancilliary features, basic operation of the AFL120XXDseries
can be initiated by simply applying an input voltage to pins 1
and 2 and connecting the appropriate loads between pins 7,
8, and 9. Of course, operation of any converter with high
power density should not be attempted before secure
attachment to an appropriate heat dissipator. (See Thermal
Considerations, page 7)
Inhibiting Converter Output (Enable)
As an alternative to application and removal of the DC voltage
to the input, the user can control the converter output by
providing TTL compatible, positive logic signals to either of
two enable pins (pin 4 or 12). The distinction between these
two signal ports is that enable 1 (pin 4) is referenced to the
input return (pin 2) while enable 2 (pin 12) is referenced to
the output return (pin 8). Thus, the user has access to an
inhibit function on either side of the isolation barrier. Each
port is internally pulled “high” so that when not used, an
open connection on both enable pins permits normal
converter operation. When their use is desired, a logical
“low” on either port will shut the converter down.
The AFL series of converters employ a forward switched
mode converter topology. (refer to Figure I.) Operation of
the device is initiated when a DC voltage whose magnitude
is within the specified input limits is applied between pins 1
and 2. If pins 4 and 12 are enabled (at a logical 1 or open)
the primary bias supply will begin generating a regulated
housekeeping voltage bringing the circuitry on the primary
side of the converter to life. Two power MOSFETs used to
chop the DC input voltage into a high frequency square
wave, apply this chopped voltage to the power transformer.
As this switching is initiated, a voltage is impressed on a
second winding of the power transformer which is then
rectified and applied to the primary bias supply. When this
occurs, the input voltage is excluded from the bias voltage
generator and the primary bias voltage becomes internally
generated.
ERROR
AMP
& REF
OUTPUT
FILTER
INPUT
FILTER
OUTPUT RETURN
+ INPUT
INPUT RETURN
FB
CONTROL
1
2
4
3
5
6
SYNC INPUT
CURRENT
SENSE
ENABLE 2
SHARE
SHARE
AMPLIFIER
7
11
10
9
12
8
+ OUTPUT
SYNC OUTPUT
ENABLE 1
CASE
PRIMARY
BIAS SUPPLY
- OUTPUT
OUTPUT
VOLTAGE TRIM
FILTER
OUTPUT


Similar Part No. - AFL120D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL12003R3S IRF-AFL12003R3S Datasheet
169Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWCH IRF-AFL12003R3SWCH Datasheet
194Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWCH IRF-AFL12003R3SWCH Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWCH IRF-AFL12003R3SWCH Datasheet
169Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWCH IRF-AFL12003R3SWCH Datasheet
165Kb / 10P
   HIGH RELIABILITY HYBRID DC/DC CONVERTER
More results

Similar Description - AFL120D_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com