Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1720EUT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1720EUT
Description  SOT23, Switched-Capacitor Voltage Inverters with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1720EUT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1720EUT Datasheet HTML 1Page - Maxim Integrated Products MAX1720EUT Datasheet HTML 2Page - Maxim Integrated Products MAX1720EUT Datasheet HTML 3Page - Maxim Integrated Products MAX1720EUT Datasheet HTML 4Page - Maxim Integrated Products MAX1720EUT Datasheet HTML 5Page - Maxim Integrated Products MAX1720EUT Datasheet HTML 6Page - Maxim Integrated Products MAX1720EUT Datasheet HTML 7Page - Maxim Integrated Products MAX1720EUT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SOT23, Switched-Capacitor
Voltage Inverters with Shutdown
_______________________________________________________________________________________
3
-5
-4
-3
-2
-1
0
020 25
10 15
530 35 404550
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
VIN = +1.5V
VIN = +2V
VIN = +3.3V
VIN = +5V
0
20
10
40
30
60
50
70
90
80
100
010 1520
525 3035
45
40
50
MAX1720
EFFICIENCY vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
VIN = +1.5V
VIN = +3.3V
VIN = +2V
VIN = +5V
0
20
10
40
30
60
50
70
90
80
100
010 1520
525 3035
45
40
50
MAX1719/MAX1721
EFFICIENCY vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
VIN = +1.5V
VIN = +2V
VIN = +3.3V
VIN = +5V
Typical Operating Characteristics
(Circuit of Figure 1, VIN = +5V, SHDN = GND (MAX1719), SHDN = IN (MAX1720/MAX1721), C1 = C2 = C3, TA = +25°C, unless other-
wise noted.)
ELECTRICAL CHARACTERISTICS
(VIN = +5V, SHDN = GND (MAX1719), SHDN = IN (MAX1720/MAX1721), C1 = C2 = 10µF (MAX1720), C1 = C2 = 1µF
(MAX1719/MAX1721), circuit of Figure 1, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
VIN (MIN)
≤ VIN ≤ +2.5V
RL = 10k
+2.5V
≤ VIN ≤ +5.5V
VIN (MIN)
≤ VIN ≤ +2.5V
+2.5V
≤ VIN ≤ +5.5V
IOUT = 0
SHDN = IN (MAX1719), SHDN = GND
(MAX1720/MAX1721), OUT is internally
forced to GND in shutdown
MAX1720
IOUT = 10mA
CONDITIONS
0.2
V
0.6
VIL
SHDN/ SHDN Input Logic Low
VIN - 0.2
V
2.1
VIH
SHDN/ SHDN Input Logic High
12
RO, SHDN
OUT to GND Shutdown
Resistance
65
RO
Output Resistance (Note 1)
MAX1719/MAX1721
1.6
5.5
MAX1719/MAX1721
1.5
5.5
MAX1720
%
99
Voltage Conversion Efficiency
60
200
kHz
621
fOSC
Oscillator Frequency
µA
100
ICC
Quiescent Current (Note 3)
750
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
VIN
Supply Voltage Range
MAX1720
Note 1: Capacitor contribution (ESR component plus (1/fOSC) · C) is approximately 20% of output impedance.
Note 2: All specifications from -40°C to +85°C are guaranteed by design, not production tested.
Note 3: The MAX1719/MAX1720/MAX1721 may draw high supply current during startup, up to the minimum operating supply voltage.
To guarantee proper startup, the input supply must be capable of delivering 90mA more than the maximum load current.
Continuous, long-term
25
mARMS
IOUT
Output Current
MAX1719/MAX1721


Similar Part No. - MAX1720EUT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX1720EUT ONSEMI-MAX1720EUT Datasheet
182Kb / 18P
   Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
MAX1720EUTG ONSEMI-MAX1720EUTG Datasheet
182Kb / 18P
   Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
More results

Similar Description - MAX1720EUT

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931 Datasheet
174Kb / 7P
   Switched-Capacitor Voltage Inverters with Shutdown
logo
Unisonic Technologies
UC5301 UTC-UC5301_15 Datasheet
278Kb / 8P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Maxim Integrated Produc...
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX828 MAXIM-MAX828 Datasheet
85Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 2; 4/97
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828_V01 Datasheet
177Kb / 8P
   Switched-Capacitor Voltage Inverters
1999
MAX870 MAXIM-MAX870_V01 Datasheet
409Kb / 8P
   Switched-Capacitor Voltage Inverters
2004
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com