Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NXPS20H100CX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NXPS20H100CX
Description  Dual power Schottky diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NXPS20H100CX Datasheet(HTML) 1 Page - NXP Semiconductors

  NXPS20H100CX_15 Datasheet HTML 1Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 2Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 3Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 4Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 5Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 6Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 7Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 8Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Dual common cathode power Schottky diode designed for high frequency switched mode
power supplies in a SOT186A (TO-220F) "full pack" plastic package.
1.2 Features and benefits
High junction temperature capability
Isolated package
Low leakage current
Negligible switching losses
Optimised design to give low VF and
high Tj(max)
1.3 Applications
DC to DC converters
Freewheeling diode
OR-ing diode
Switched mode power supply rectifier
1.4 Quick reference data
NXPS20H100CX
Dual power Schottky diode
Rev. 2 — 24 May 2012
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM
repetitive peak reverse voltage
-
-
100
V
IF(AV)
average forward current
square-wave pulse;
δ =0.5 ;
Th ≤ 147 °C; per diode; see Figure 1;
see Figure 2; see Figure 3
--10
A
IO(AV)
average output current
square-wave pulse;
δ =0.5 ;
Th ≤ 128 °C; both diodes conducting
--20
A
Tj
junction temperature
-
-
175
°C
Static characteristics
VF
forward voltage
IF =10A; Tj =25°C; see Figure 6
--0.77
V
IF =10A; Tj = 125 °C; see Figure 6
-
0.59
0.64
V
IR
reverse current
VR =100 V; Tj =25 °C; see Figure 7
-2
4.5
µA
VR =100 V; Tj = 125 °C; see Figure 7
-
16mA


Similar Part No. - NXPS20H100CX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
   Dual power Schottky diode
Rev. 2-8 June 2012
More results

Similar Description - NXPS20H100CX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
   Dual power Schottky diode
Rev. 2-8 June 2012
NXPS20S100C PHILIPS-NXPS20S100C_15 Datasheet
200Kb / 9P
   Dual power Schottky diode
30 January 2013
NXPS20H110C PHILIPS-NXPS20H110C_15 Datasheet
565Kb / 11P
   Dual power Schottky diode
Rev. 2-24 May 2012
logo
WeEn Semiconductors
WNS20S100CX WEEN-WNS20S100CX Datasheet
257Kb / 11P
   Dual power Schottky diode
logo
NXP Semiconductors
NXPS20S100CX PHILIPS-NXPS20S100CX_15 Datasheet
201Kb / 10P
   Dual power Schottky diode
30 January 2013
logo
WeEn Semiconductors
WNS30H100C WEEN-WNS30H100C Datasheet
1Mb / 11P
   Dual power Schottky diode
WNS30H100CB WEEN-WNS30H100CB Datasheet
258Kb / 11P
   Dual power Schottky diode
WNS40H100CB WEEN-WNS40H100CB Datasheet
257Kb / 11P
   Dual power Schottky diode
WNS40100C WEEN-WNS40100C Datasheet
1Mb / 11P
   Dual power Schottky diode
logo
IXYS Corporation
FSS100-008A IXYS-FSS100-008A Datasheet
75Kb / 2P
   Dual Power Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com