Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FVS-GVS-3800 Datasheet(PDF) 3 Page - Level One

Part # FVS-GVS-3800
Description  Ethernet Media Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FVS-GVS-3800 Datasheet(HTML) 3 Page - Level One

  FVS-GVS-3800 Datasheet HTML 1Page - Level One FVS-GVS-3800 Datasheet HTML 2Page - Level One FVS-GVS-3800 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4
Order Information
FVS-3800: 10/100BASE-TX to 100BASE-X SFP Converter
FVS-3200: 10/100BASE-TX to 100BASE-FX MMF SC Converter
FVS-3120: 10/100BASE-TX to 100BASE-LX SMF SC Converter
GVS-3800: 10/100/1000BASE-T to 1000BASE-X SFP Converter
GVS-3200: 10/100/1000BASE-T to 1000BASE-SX MMF SC Converter
GVS-3110: 10/100/1000BASE-T to 1000BASE-LX10 SMF SC Converter
Package Contents
Smart Media Converter
Power Adapter
CD Manual
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
V1.0
Optional Accessories
SFP-1101
155Mbs transceiver 1310nm
FP/LED-LD, (MMF 2km),
Duplex LC
SFP-1311
155Mbs transceiver 1310nm
FP-LD, (SMF 20km), Duplex
LC
SFP-1411
155Mbs transceiver 1310nm
FP-LD, (SMF 40km),
Duplex LC
SFP-7321
155Mbs BIDI, (SM
20km1310/1550),
Simplex LC
SFP-7331
155Mbs BIDI,
(SM 20km1550/1310),
Simplex LC
SFP-7421
155Mbs BIDI,
(SM 40km1310/1550),
Simplex LC
SFP-3001
1.25 G transceiver 850nm
VCSEL, SX (MMF 500m),
Duplex LC
SFP-3211
1.25 G transceiver , 1310 nm
FP-LD, LX (SMF 10m), Duplex
LC
SFP-7431
155Mbs BIDI, (SM
40km1550/1310),
Simplex LC
SFP-9421
1.25G BIDI, (SM 40km
1310/1550), Simplex LC
SFP-9431
1.25G BIDI, (SM 40km
1550/1310), Simplex LC
SFP-3711
1.25 G transceiver 1550nm
DFB-LD, EZX (SMF 120km),
Duplex LC
SFP-3841
1.25 G transceiver TX Copper
(100m), RJ-45 Type
SFP-3611
1.25Gbps SFP Transceiver,
Duplex LC connector (80km)
CVH-3000
12-Slot Media Converter
Chassis
For FVS-3800
For GVS-3800


Similar Part No. - FVS-GVS-3800

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FVS-G0-K MSYSTEM-FVS-G0-K Datasheet
107Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FVS-G0-K/K MSYSTEM-FVS-G0-K/K Datasheet
107Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FVS-G0-K/Q MSYSTEM-FVS-G0-K/Q Datasheet
107Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FVS-G0-L MSYSTEM-FVS-G0-L Datasheet
107Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FVS-G0-L/K MSYSTEM-FVS-G0-L/K Datasheet
107Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FVS-GVS-3800

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
SL-2ES-2SC PF-SL-2ES-2SC Datasheet
190Kb / 1P
   Industrial Ethernet Media Converter
2014-04-22
logo
Red Lion Controls. Inc
SL-2ES REDLION-SL-2ES Datasheet
386Kb / 2P
   Industrial Ethernet Media Converter
logo
Weidmuller
1286880000 WEIDMULLER-1286880000 Datasheet
244Kb / 4P
   Industrial Fast Ethernet media converter
1286890000 WEIDMULLER-1286890000 Datasheet
243Kb / 4P
   Industrial Fast Ethernet media converter
1286900000 WEIDMULLER-1286900000 Datasheet
243Kb / 4P
   Industrial Fast Ethernet media converter
logo
Advantech Co., Ltd.
856-18700 ADVANTECH-856-18700 Datasheet
565Kb / 2P
   10/100 Mbps Ethernet Media Converter
logo
Glenair, Inc.
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
logo
Level One
IEC-4000 LVL1-IEC-4000 Datasheet
506Kb / 3P
   Industrial Fast Ethernet mini Media Converter
IEC-4002 LVL1-IEC-4002 Datasheet
515Kb / 3P
   Industrial Fast Ethernet Mini Media Converter
IEC-4301 LVL1-IEC-4301 Datasheet
515Kb / 3P
   Industrial Fast Ethernet Mini Media Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com