Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1855 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1855
Description  High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1855 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1855 Datasheet HTML 9Page - Maxim Integrated Products MAX1855 Datasheet HTML 10Page - Maxim Integrated Products MAX1855 Datasheet HTML 11Page - Maxim Integrated Products MAX1855 Datasheet HTML 12Page - Maxim Integrated Products MAX1855 Datasheet HTML 13Page - Maxim Integrated Products MAX1855 Datasheet HTML 14Page - Maxim Integrated Products MAX1855 Datasheet HTML 15Page - Maxim Integrated Products MAX1855 Datasheet HTML 16Page - Maxim Integrated Products MAX1855 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
High-Speed, Adjustable, Synchronous Step-Down
Controllers with Integrated Voltage Positioning
______________________________________________________________________________________
13
Pin Description (continued)
PIN
NAME
FUNCTION
21
SKIP
Pulse-Skipping or Low-Noise Mode Control Input. Connect to VCC for low-noise forced-PWM mode.
Connect to GND to enable pulse-skipping operation. Low-noise forced-PWM mode causes inductor
current recirculation at light loads and suppresses pulse-skipping operation. Normal operation
prevents current recirculation. SKIP can also be used to disable both overvoltage and undervoltage
protection circuits and clear the fault latch (see No-Fault Test Mode). Do not leave
SKIP floating.
22
BST
Boost Flying-Capacitor Connection. Connect to an external capacitor and diode according to the
standard application circuit (Figure 1).
23
LX
External Inductor Connection. Connect LX to the switched side of the inductor. LX serves as the
lower supply rail for the DH high-side gate driver. LX does not connect to the current-limit
comparator.
24
CS
Current-Sense Input. Connect a resistor (RSENSE) between CS and PGND. The current-limit
threshold is set by ILIM. If the current-sense signal (Inductor Current
RSENSE) exceeds the
current-limit threshold, the MAX1716/MAX1854/MAX1855 will not initiate a new cycle.
COMPONENT
CIRCUIT 1
(FIGURE 1)
CIRCUIT 2
(FIGURE 11)
CIRCUIT 3
(FIGURE 12)
CIRCUIT 4
(FIGURE 13)
Output Voltage
1.6V
1.3V
1.0V
1.6V
Input Voltage Range
7V to 24V
7V to 24V
7V to 24V
7V to 24V
Maximum Load Current
18A
12A
12A
18A
Inductor
0.68
µH
Sumida
CDEP134H-0R6
or Panasonic
ETQP6F0R6BFA
1
µH
Sumida
CEP125-1R0MC
or Panasonic
ETQP6FIRIBFA
0.68
µH
Sumida
CDEP134H-0R6
or Panasonic
ETQP6F0R6BFA
0.47
µH
Sumitomo
CXE-R47
TON Level
Float
Float
REF
GND
Frequency
300kHz
300kHz
400kHz
550kHz
High-Side MOSFET
International Rectifier
(2) IRF7811
International Rectifier
IRF7811
International Rectifier
IRF7811
International Rectifier
(2) IRF7811
Low-Side MOSFET
Fairchild (2) FDS7764A
Or International
Rectifier (2) IRF7811
Fairchild (2) FDS7764A
Or International
Rectifier (2) IRF7811
Fairchild (2) FDS7764A
Or International
Rectifier (2) IRF7811
Fairchild (2) FDS7764A
Or International
Rectifier (2) IRF7811
Input Capacitor
(5) 10
µF
Taiyo Yuden
TMK432BJ106
(4) 10
µF
Taiyo Yuden
TMK432BJ106
(4) 10
µF
Taiyo Yuden
TMK432BJ106
(5) 10
µF
Taiyo Yuden
TMK432BJ106
Output Capacitor
(5) 220
µF
Panasonic
EEFUE0E221R
(4) 220
µF
Panasonic
EEFUE0E221R
(4) 220
µF
Panasonic
EEFUE0E221R
(8) 47
µF
Taiyo Yuden
JMK432BJ476MM
or TDK
C4532X5ROJ476M
Current-Sense Resistor
3m
3.5m
3.5m
3m
ILIM Level
VREF/3
VREF/4
VREF/4
VREF/3
Voltage-Positioning
Resistor Ratio
1:1 (0.5x)
1:2 (0.66x)
1:2 (0.66x)
1:1 (0.5x)
Table 1. Component Selection for Standard Applications


Similar Part No. - MAX1855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX185 MAXIM-MAX185 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1852EXT MAXIM-MAX1852EXT Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1853 MAXIM-MAX1853 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1853EXT MAXIM-MAX1853EXT Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
More results

Similar Description - MAX1855

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1813 MAXIM-MAX1813 Datasheet
738Kb / 38P
   Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
19-2010; Rev 0; 4/01
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com