Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1854 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX1854
Description  High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1854 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX1854 Datasheet HTML 18Page - Maxim Integrated Products MAX1854 Datasheet HTML 19Page - Maxim Integrated Products MAX1854 Datasheet HTML 20Page - Maxim Integrated Products MAX1854 Datasheet HTML 21Page - Maxim Integrated Products MAX1854 Datasheet HTML 22Page - Maxim Integrated Products MAX1854 Datasheet HTML 23Page - Maxim Integrated Products MAX1854 Datasheet HTML 24Page - Maxim Integrated Products MAX1854 Datasheet HTML 25Page - Maxim Integrated Products MAX1854 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
High-Speed, Adjustable, Synchronous Step-Down
Controllers with Integrated Voltage Positioning
22
______________________________________________________________________________________
mal frequency is largely a function of maximum input
voltage, due to MOSFET switching losses that are pro-
portional to frequency and V+2. The optimum frequency
is also a moving target, due to rapid improvements in
MOSFET technology that are making higher frequen-
cies more practical.
Inductor operating point: This choice provides trade-
offs between size vs. efficiency. Low inductor values
cause large ripple currents, resulting in the smallest
size, but poor efficiency and high output noise. The
minimum practical inductor value is one that causes the
circuit to operate at the edge of critical conduction
(where the inductor current just touches zero with every
cycle at maximum load). Inductor values lower than this
grant no further size-reduction benefit.
The MAX1716/MAX1854/MAX1855’s pulse-skipping
algorithm initiates skip mode at the critical-conduction
point. Thus, the inductor operating point also deter-
mines the load-current value at which PFM/PWM
switchover occurs. The optimum point is usually found
between 20% and 50% ripple current.
The inductor ripple current impacts transient-response
performance, especially at low VIN - VOUT differentials.
Low inductor values allow the inductor current to slew
faster, replenishing charge removed from the output fil-
ter capacitors by a sudden load step. The amount of
output sag is also a function of the maximum duty fac-
tor, which can be calculated from the on-time and mini-
mum off-time:
where tOFF(MIN) is the minimum off-time (see Electrical
Characteristics), and K is from Table 3.
Inductor Selection
The switching frequency and operating point (% ripple
or LIR) determine the inductor value as follows:
Example: ILOAD(MAX) = 18A, VIN = 7V, VOUT = 1.6V,
fSW = 300kHz, 30% ripple current or LIR = 0.3.
Find a low-loss inductor having the lowest possible DC
resistance that fits in the allotted dimensions. Ferrite
cores are often the best choice, although powdered
iron is inexpensive and can work well at 200kHz. The
core must be large enough not to saturate at the peak
inductor current (IPEAK).
IPEAK = ILOAD(MAX) + (ILOAD(MAX)
× LIR / 2)
Setting the Current Limit
The minimum current-limit threshold must be great
enough to support the maximum load current when the
current limit is at the minimum tolerance value. The val-
ley of the inductor current occurs at ILOAD(MAX) minus
half of the ripple current; therefore:
ILIMIT(LOW) > ILOAD(MAX) - (ILOAD(MAX)
× LIR / 2)
where ILIMIT(LOW) equals the minimum current-limit
threshold voltage divided by RSENSE. For the 120mV
default setting, the minimum current-limit threshold is
110mV.
Connect ILIM to VCC for a default 120mV current-limit
threshold. In the adjustable mode, the current-limit
threshold is precisely 1/10th the voltage seen at ILIM.
For an adjustable threshold, connect a resistive divider
from REF to GND, with ILIM connected to the center
tap. The external 0.5V to 2.0V adjustment range corre-
sponds to a current-limit threshold of 50mV to 200mV.
When adjusting the current limit, use 1% tolerance
resistors and a 10µA divider current to prevent a signifi-
cant increase of errors in the current-limit value.
Output Capacitor Selection
The output filter capacitor must have low enough effec-
tive series resistance (ESR) to meet output ripple and
load-transient requirements, yet have high enough ESR
to satisfy stability requirements. Also, the capacitance
value must be high enough to absorb the inductor
energy going from a full-load to no-load condition with-
out tripping the overvoltage protection circuit.
In CPU VCORE converters and other applications where
the output is subject to violent load transients, the out-
put capacitor’s size typically depends on how much
ESR is needed to prevent the output from dipping too
low under a load transient. Ignoring the sag due to
finite capacitance:
RESR = VSTEP(MAX) / ILOAD(MAX)
The actual µF capacitance value required relates to the
physical size needed to achieve low ESR, as well as to
the chemistry of the capacitor technology. Thus, the
capacitor is usually selected by ESR and voltage rating
rather than by capacitance value (this is true of tanta-
lums, OS-CONs, and other electrolytics).
L
VV
V
V
kHz
A
H
=
×−
××
×
=
16
7
1 6
7
300
0 30
18
076
.(
.
)
.
.
µ
L
VV
V
V
LIR
I
OUT
OUT
SW
LOAD MAX
=
×+ −
()
×
×
ƒ
()
V
II
L
K
V
V
t
CV
K
VV
V
t
SAG
LOAD
LOAD
OUT
OFF MIN
OUT
OUT
OUT
OFF MIN
=
−× ×
×
+


××
×
×
+−
+


()
()
()
12
2
2


Similar Part No. - MAX1854

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX185 MAXIM-MAX185 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1852EXT MAXIM-MAX1852EXT Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1853 MAXIM-MAX1853 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1853EXT MAXIM-MAX1853EXT Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
More results

Similar Description - MAX1854

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1813 MAXIM-MAX1813 Datasheet
738Kb / 38P
   Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
19-2010; Rev 0; 4/01
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com