Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1718BEEI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1718BEEI
Description  Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning IMVP-II
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1718BEEI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1718BEEI Datasheet HTML 6Page - Maxim Integrated Products MAX1718BEEI Datasheet HTML 7Page - Maxim Integrated Products MAX1718BEEI Datasheet HTML 8Page - Maxim Integrated Products MAX1718BEEI Datasheet HTML 9Page - Maxim Integrated Products MAX1718BEEI Datasheet HTML 10Page - Maxim Integrated Products MAX1718BEEI Datasheet HTML 11Page - Maxim Integrated Products MAX1718BEEI Datasheet HTML 12Page - Maxim Integrated Products MAX1718BEEI Datasheet HTML 13Page - Maxim Integrated Products MAX1718BEEI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Notebook CPU Step-Down Controller for Intel
Mobile Voltage Positioning (IMVP-II)
10
______________________________________________________________________________________
Pin Description (continued)
Supply Voltage Input for the DL Gate Driver, 4.5V to 5.5V. Bypass to GND with a 1µF capacitor.
VDD
17
Low-Side Gate Driver Output. DL swings GND to VDD.
DL
16
Analog and Power Ground. Also connects to the current-limit comparator.
GND
15
Open-Drain Power-Good Output. VGATE is normally high when the output is in regulation. If VFB is not within
a ±10% window of the DAC setting, VGATE is asserted low. During DAC code transitions, VGATE is forced
high until 1 clock period after the slew-rate controller finishes the transition. VGATE is low during shutdown.
VGATE
14
Feedback Offset Adjust Negative Input. The output shifts by an amount equal to the difference between POS
and NEG multiplied by a scale factor that depends on the DAC codes (see the Integrator Amplifiers/Output
Voltage Offsets section). Connect both POS and NEG to REF if the offset function is not used.
POS
13
Current-Limit Adjustment. The GND - LX current-limit threshold defaults to 100mV if ILIM is connected to
VCC. In adjustable mode, the current-limit threshold voltage is 1/10th the voltage seen at ILIM over a 0.5V to
3V range. The logic threshold for switchover to the 100mV default value is approximately VCC - 1V. Connect
ILIM to REF for a fixed 200mV threshold.
ILIM
12
2V Reference Output. Bypass to GND with 0.22µF (min) capacitor. Can source 50µA for external loads.
Loading REF degrades FB accuracy according to the REF load-regulation error.
REF
11
On-Time Selection Control Input. This is a four-level input that sets the K factor (Table 2) to determine
DH on-time. Connect TON to the following pins for the indicated operation:
GND = 1000kHz
REF = 550kHz
Open = 300kHz
VCC = 200kHz
TON
10
PIN
NAME
FUNCTION
Suspend-Mode Control Input. When SUS is high, the suspend-mode VID code, as programmed by S0 and
S1, is delivered to the DAC. Connect SUS to GND if the Suspend-mode multiplexer is not used (see the
Internal Multiplexers (ZMODE/SUS) section).
SUS
18
Performance-Mode MUX Control Input. If SUS is low, ZMODE selects between two different VID DAC codes.
If ZMODE is low, the VID DAC code is set by the logic-level voltages on D0–D4. On the rising edge of
ZMODE, during power-up with ZMODE high, or on the falling edge of SUS when ZMODE is high, the VID
DAC code is determined by the impedance at D0–D4 (see the Internal Multiplexers (ZMODE/SUS) section).
ZMODE
19
Overvoltage Protection Control Input. Connect OVP low to enable overvoltage protection. Connect OVP high
to disable overvoltage protection. The overvoltage trip threshold is approximately 2V. The state of OVP does
not affect output undervoltage fault protection or thermal shutdown.
OVP
20
VID DAC Code Inputs. D0 is the LSB, and D4 is the MSB of the internal 5-bit VID DAC (Table 3). If ZMODE
is low, D0–D4 are high-impedance digital inputs, and the VID DAC code is set by the logic-level voltages on
D0–D4. On the rising edge of ZMODE, during power-up with ZMODE high, or on the falling edge of SUS
when ZMODE is high, the VID DAC code is determined by the impedance at D0–D4 as follows:
Logic low = source impedance is
≤1kΩ + 5%.
Logic high = source impedance is
≥100kΩ - 5%.
D4–D0
21–25
Boost Flying Capacitor Connection. Connect BST to the external boost diode and capacitor as shown in
Figure 1. An optional resistor in series with BST allows the DH pullup current to be adjusted (Figure 8).
BST
26
Inductor Connection. LX is the internal lower supply rail for the DH high-side gate driver. It also connects to
the current-limit comparator and the skip-mode zero-crossing comparator.
LX
27
High-Side Gate-Driver Output. DH swings LX to BST.
DH
28


Similar Part No. - MAX1718BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718TEEI MAXIM-MAX1718TEEI Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718TEEI MAXIM-MAX1718TEEI Datasheet
426Kb / 34P
   Notebook CPU Step-Down Controller
Rev 1; 10/08
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
   Notebook CPU Step-Down Controller
Rev 1; 10/08
More results

Similar Description - MAX1718BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
   Notebook CPU Step-Down Controller
Rev 1; 10/08
logo
Intersil Corporation
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com