Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1855EEG Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1855EEG
Description  High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1855EEG Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1855EEG Datasheet HTML 1Page - Maxim Integrated Products MAX1855EEG Datasheet HTML 2Page - Maxim Integrated Products MAX1855EEG Datasheet HTML 3Page - Maxim Integrated Products MAX1855EEG Datasheet HTML 4Page - Maxim Integrated Products MAX1855EEG Datasheet HTML 5Page - Maxim Integrated Products MAX1855EEG Datasheet HTML 6Page - Maxim Integrated Products MAX1855EEG Datasheet HTML 7Page - Maxim Integrated Products MAX1855EEG Datasheet HTML 8Page - Maxim Integrated Products MAX1855EEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
High-Speed, Adjustable, Synchronous Step-Down
Controllers with Integrated Voltage Positioning
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, V+ = +15V, VCC = VDD = 5V, SKIP = VCC, VPS = PGND, TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VGATE Lower Trip Threshold
Measured at FB with respect to unloaded
output voltage, falling edge
-12.5
-10
-7.5
%
VGATE Upper Trip Threshold
Measured at FB with respect to unloaded
output voltage, rising edge
7.5
10
12.5
%
VGATE Propagation Delay
Falling edge, FB forced 2% below or above
VGATE trip threshold
1.5
µs
VGATE Output Low Voltage
ISINK = 1mA
0.4
V
VGATE Leakage Current
High state, forced to 5.5V
1
µA
GATE DRIVERS
DH Gate Driver On-Resistance
RON(DH)
VBST - VLX forced to 5V
1.3
5
High state (pullup)
1.5
5
DL Gate Driver On-Resistance
RON(DL)
Low state (pulldown)
0.5
1.7
DH Gate Driver Source/Sink
Current
IDH
DH forced to 2.5V, VBST - VLX forced to 5V
1
A
DL Gate Drive Sink Current
IDL
DL forced to 5V
3
A
DL Gate Driver Source Current
IDL
DL forced to 2.5V
1
A
DL rising
35
Dead-Time
DH rising
26
ns
LOGIC AND I/O
Logic Input High Voltage
VIH
D0
−D4, SHDN, SKIP
2.4
V
Logic Input Low Voltage
VIL
D0
−D4, SHDN, SKIP
0.8
V
TON = VCC (200kHz operation)
VCC - 0.4
TON = open (300kHz operation)
3.15
3.85
TON = REF (400kHz operation)
1.65
2.35
TON Input Levels
TON = GND (550kHz operation)
0.5
V
TON = GND or VCC
-3
3
Logic Input Current
SHDN, SKIP = GND or VCC
-1
1
µA
D0
−D4 Pullup Current
D0
−D4 = GND
3
5
10
µA
SKIP No-Fault Mode Current
TA = +25°C
-1.5
-0.1
mA


Similar Part No. - MAX1855EEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX185 MAXIM-MAX185 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1852EXT MAXIM-MAX1852EXT Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1853 MAXIM-MAX1853 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1853EXT MAXIM-MAX1853EXT Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
More results

Similar Description - MAX1855EEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1813 MAXIM-MAX1813 Datasheet
738Kb / 38P
   Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
19-2010; Rev 0; 4/01
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com