Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1711 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1711
Description  High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1711 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1711 Datasheet HTML 1Page - Maxim Integrated Products MAX1711 Datasheet HTML 2Page - Maxim Integrated Products MAX1711 Datasheet HTML 3Page - Maxim Integrated Products MAX1711 Datasheet HTML 4Page - Maxim Integrated Products MAX1711 Datasheet HTML 5Page - Maxim Integrated Products MAX1711 Datasheet HTML 6Page - Maxim Integrated Products MAX1711 Datasheet HTML 7Page - Maxim Integrated Products MAX1711 Datasheet HTML 8Page - Maxim Integrated Products MAX1711 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
High-Speed, Digitally Adjusted
Step-Down Controllers for Notebook CPUs
4
_______________________________________________________________________________________
%
10
15
VBATT = 4.5V to 28V, for all
D/A codes, includes load
regulation error
VCC, VDD
Battery voltage, V+
Measured at VCC, FB forced above the regulation point
Overvoltage Trip Threshold
(Note 2)
VBATT = 24V,
FB = 2V
(Note 2)
With respect to unloaded output voltage (MAX1710)
%
CONDITIONS
65
75
Output Undervoltage
Protection Threshold
µA
950
Quiescent Supply Current (VCC)
ns
500
Minimum Off-Time
380
470
260
320
175
225
%
-1.5
1.5
DC Output Voltage Accuracy
TON = REF (400kHz)
4.5
5.5
V
2
28
Input Voltage Range
TON = GND (550kHz)
ns
140
180
On-Time
TON = open (300kHz)
UNIT
MIN
TYP
MAX
PARAMETER
VCC = 4.5V to 5.5V, no external REF load
V
1.98
2.02
Reference Voltage
TON = VCC (200kHz)
LX to PGND, ILIM tied to VCC
mV
85
115
Current-Limit Threshold
(Positive Direction, Fixed)
LX to PGND
mV
35
65
Current-Limit Threshold
(Positive Direction, Adjustable)
RLIM = 100kΩ
RLIM = 400kΩ
160
240
Rising edge, hysteresis = 20mV, PWM disabled below
this level
4.1
4.4
VCC Undervoltage Lockout
Threshold
V
D0–D4, SHDN, SKIP, OVP
V
2.4
Logic Input High Voltage
D0–D4, SHDN, SKIP, OVP
V
0.8
Logic Input Low Voltage
SHDN, SKIP, OVP
µA
-1
1
Logic Input Current
D0–D4, each forced to GND
µA
3
10
Logic Input Pull-Up Current
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VBATT=15V, VCC = VDD = 5V, SKIP = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
V
2.20
2.30
0.75
0.85
V
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VBATT = 15V, VCC = VDD = 5V, SKIP = GND, TA = 0°C to +85°C, unless otherwise noted.)
CONDITIONS
TON logic input high level
V
VCC - 0.4
TON VCC Level
TON logic input upper-mid-range level
V
3.15
3.85
TON Float Voltage
TON logic input lower-mid-range level
V
1.65
2.35
TON Reference Level
TON logic input low level
V
0.5
TON GND Level
TON only, forced to GND or VCC
µA
-3
3
TON Logic Input Current
UNIT
MIN
TYP
MAX
PARAMETER
With respect to unloaded output voltage (MAX1710)
(MAX1711)
(MAX1711)
%
-1.7
1.7
DAC codes from 1.32V to 2V
DAC codes from 0.925V to
1.275V


Similar Part No. - MAX1711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17112 MAXIM-MAX17112 Datasheet
378Kb / 12P
   High-Performance, Step-Up, DC-DC Converter
Rev 0; 12/08
MAX17112ETB++ MAXIM-MAX17112ETB+ Datasheet
378Kb / 12P
   High-Performance, Step-Up, DC-DC Converter
Rev 0; 12/08
MAX17112EVKIT MAXIM-MAX17112EVKIT Datasheet
93Kb / 4P
   Proven PCB Layout
Rev 0; 1/09
MAX17112EVKIT++ MAXIM-MAX17112EVKIT+ Datasheet
93Kb / 4P
   Proven PCB Layout
Rev 0; 1/09
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
More results

Similar Description - MAX1711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1712 MAXIM-MAX1712 Datasheet
437Kb / 28P
   High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
   Programmable Output High-Speed Step-Down Controller for Notebook Computer
G5601A GMT-G5601A Datasheet
66Kb / 1P
   High-Speed Step-Down Controller with LDO Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com