Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1714 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1714
Description  High-Speed Step-Down Controller for Notebook Computers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1714 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1714 Datasheet HTML 1Page - Maxim Integrated Products MAX1714 Datasheet HTML 2Page - Maxim Integrated Products MAX1714 Datasheet HTML 3Page - Maxim Integrated Products MAX1714 Datasheet HTML 4Page - Maxim Integrated Products MAX1714 Datasheet HTML 5Page - Maxim Integrated Products MAX1714 Datasheet HTML 6Page - Maxim Integrated Products MAX1714 Datasheet HTML 7Page - Maxim Integrated Products MAX1714 Datasheet HTML 8Page - Maxim Integrated Products MAX1714 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
High-Speed Step-Down Controller
for Notebook Computers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, 4A components from Table 1, V+ = 15V, VCC = VDD = +5V, SKIP = AGND, TA = -40°C to +85°C, unless other-
wise noted.) (Notes 1, 5)
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, 4A components from Table 1, V+ = +15V, VCC = VDD = +5V, SKIP = AGND, TA = 0°C to +85°C, unless otherwise
noted.) (Note 1)
CONDITIONS
V
VCC - 0.4
TON VCC Level
V
3.15
3.85
TON Float Voltage
V
1.65
2.35
TON Reference Level
V
0.5
TON AGND Level
Forced to AGND or VCC
µA
-3
3
TON Input Current
UNITS
MIN
TYP
MAX
PARAMETER
TON = VCC (200kHz)
Reference Voltage
1.98
2.02
V
VCC = 4.5V to 5.5V, no external REF load
PARAMETER
MIN
TYP
MAX
UNITS
TON = unconnected (300kHz)
On-Time
140
180
ns
TON = AGND (600kHz)
Input Voltage Range
228
V
4.5
5.5
TON = REF (450kHz)
Error Comparator Threshold
(DC Output Voltage Accuracy)
(Note 3)
0.985
1.015
V
175
225
With respect to error comparator threshold
(MAX1714A only)
260
320
380
470
Minimum Off-Time
FB = AGND
500
ns
Quiescent Supply Current (VCC)
FB = OUT
750
µA
3.25
3.35
2.462
2.538
Logic Input Current
-1
1
µA
SHDN, SKIP
Logic Input Low Voltage
0.8
V
SHDN, SKIP
Logic Input High Voltage
FB = VDD
V
2.4
V
SHDN, SKIP
VCC Undervoltage Lockout
Threshold
4.1
4.4
Rising edge, hysteresis = 20mV, PWM disabled below
this level
Output Undervoltage
Protection Threshold
65
75
CONDITIONS
%
160
240
With respect to error comparator threshold
VILIM = 2.0V
VILIM = 0.5V
Current-Limit Threshold
(Positive Direction, Adjustable)
35
65
V+ = 24V,
VOUT = 2V
(Note 4)
(Note 4)
mV
Overvoltage Trip Threshold
FB forced above the regulation point
PGND - LX
Current-Limit Threshold (Positive
Direction, Fixed)
Battery voltage, V+
85
115
VCC, VDD
mV
PGND - LX, ILIM = VCC
V+ = 4.5V to 28V,
SKIP = VCC
10
15
%


Similar Part No. - MAX1714

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17149 MAXIM-MAX17149 Datasheet
1Mb / 8P
   MAX17129 Evaluation Kit
Rev 0; 2/11
More results

Similar Description - MAX1714

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Global Mixed-mode Techn...
G5601A GMT-G5601A Datasheet
66Kb / 1P
   High-Speed Step-Down Controller with LDO Controller for Notebook Computer
G5617 GMT-G5617 Datasheet
34Kb / 1P
   Programmable Output High-Speed Step-Down Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
   Notebook CPU Step-Down Controller
Rev 1; 10/08
logo
Cirrus Logic
CL-GD6410 CIRRUS-CL-GD6410 Datasheet
5Mb / 133P
   HIGH INTERGRATION LCD VGA CONTROLLER FOR NOTEBOOK COMPUTERS
CL-GD6420 CIRRUS-CL-GD6420 Datasheet
784Kb / 146P
   High-Resolution LCD VGA Controller for Notebook Computers
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com