Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECU-4674-LBA53SAE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ECU-4674-LBA53SAE
Description  Intel짰 Atom??N2600 Power & Energy Computers with 8xLAN, 18xCOM, 8DI, 8DO, 1x IRIG-B and 1 x PCI-104
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-4674-LBA53SAE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ECU-4674-LBA53SAE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
ƒ China Electricity Certificate IV level
ƒ IEC 61850-3 and IEEE 1613 compliant for substation automation applications
ƒ Intel Atom N2600 1.6GHz processor
ƒ 2 x RS-232 isolated serial ports, 16 x RS-232/485 isolated serial ports
ƒ 2 x 10/100/1000 Base-T RJ-45 connector (Support teaming function and
IEEE-1588 hardware capability) and 6 x 10/100 Base-T RJ-45 connector
ƒ Support 1 x internal CF, 2x 2.5" SATA HDD
ƒ 5x USB2.0 (1 x internal)
ƒ Front or Rear wiring, programmable LED indicator
ƒ Isolated 8-ch Digital Input and 8-ch Digital Output
ƒ 1 x Time Synchronize IRIG-B
ƒ Fanless design
ƒ Supports Redundant isolated power with wide AC/DC input range
ƒ iCDManager: intelligent Connectivity Diagnosis and Management
Intel® Atom™ N2600 Power & Energy
Computers with 8xLAN, 18xCOM, 8DI,
8DO, 1x IRIG-B and 1 x PCI-104
Introduction
The ECU-4674 series of products is compliant with Electricity Certificate level IV (especially for China) and IEC 61850-3 and IEEE 1613 certification , which provide higher reliability
and stability, suitable for any Global P&E automation market and harsh environment. With versatile communication interface to use for Smart substation Communication server and
IED Analyzer to fulfill the Data Gateway & Protocol Conversion requiremment easily. Featuring a fanless design with high performance Intel Atom N2600 processor, the ECU-4674
comes with 18 isolated serial ports, 8 x LAN and 1 x PCI-104 extension. With iCDMananger support , users can easy diagnose System & Communication and enhance maintenance
efficiency, with Structured and functional module Internal design for easy customization and Fast assembly to fulfill the different kind of application.
Specifications
General
ƒ
Certification
CE, FCC class A, CCC, Electricity IV level for China
(Compatible IEC 61850-3, IEEE 1613)
ƒ
Dimensions (W x D x H) 440 x 220 x 88 mm
ƒ
Enclosure
SECC & Aluminum
ƒ
Mounting
2U Rack mount
ƒ
Power Requirements
Supports Redundant power input
Power 1: 100 ~ 240 VAC or 100 ~ 240 VDC
Power 2: 100 ~ 240 VAC or 100 ~ 240 VDC
Supports Power Monitoring during power loss
ƒ
Weight
< 5.5 kg
ƒ
OS Support
WES7, Windows7,Linux
ƒ
System Design
Fanless
System Hardware
ƒ
CPU
Intel Atom N2600, 1.6GHz
ƒ
Memory
2G DDR3 SDRAM built-in
ƒ
Indicators
LEDs for Power, HDD, Programmable LED,IRIG-B,
LAN (Active, Status) and Serial (Tx, Rx)
ƒ
Storage
1 x internal CF, 2 x 2.5" SATA HDD
ƒ
Display
DB15 VGA connector
ƒ
PC/104 slot
1 x PCI-104
ƒ
Watchdog Timer
Programmable 256 levels time interval, from 1 to 255
seconds for each tier
I/O Interface
ƒ
Serial Ports
18 Ports, 2 x RS-232, 16 x RS-232/485
2000 VDC isolation
(Automatic RS-485 data flow control)
ƒ
Serial Port Speed
RS-232: 50 ~ 115.2 kbps,
RS-485: 50 ~ 921.6 kbps
ƒ
LAN
2 x 10/100/1000Base-T RJ-45 ports, teaming function
supported,IEEE-1588 hardware capability,
6 x 10/100Base-T RJ-45 ports
ƒ
USB Ports
5 x USB (1x internal), UHCI, Rev. 2.0 compliant
ƒ
Digital Input
8-ch isolated digital input
Wet contact: Logic 0:0~3 VDC; Logic 1: 10~30 VDC
Isolation protect: 2000 VDC, 30-50 VDC over voltage
protection (Only for ECU-4674-A53SAE)
Opto-Isolator Response:25us-interrupt capable
ƒ
Digital Output
8-ch isolated digital output
2000 VDC isolation, 200mA max/channel sink current
Keeps output status after system hot reset
Open collector to 40V (200mA maximum sink current
load) 3 kHz speed (Only for ECU-4674-A53SAE)
ƒ
Programmable LED
8-ch programmable LED indicator
Time Synchronization Interface
ƒ
Type
IRIG-B (RS-485)
ƒ
Channel
1
ƒ
Support Format
IRIG-B00X according to IRIG STANDARD 04, 200-98
ƒ
Message Syntax
QQQHHMMSS (year, day, hour, minute & second)
ƒ
Resolution of Time
1s
Environment
ƒ
Storage Humidity
95% @ 40°C (non-condensing)
ƒ
Operating Temperature IEC 60068-2-2 with 100% CPU/ I/O loading, 48 hrs
-20~ 70°C (-4 ~ 140°F)
ƒ
Operating Humidity
20 ~ 95% (non-condensing)
ƒ
Shock Protection
IEC 68 2-27 CompactFlash®: 30 G half sine, 11 ms
HDD: 20 G half sine, 11 ms
ƒ
Vibration Protection
IEC 68 2-64 (Random 1 Oct./min, 1hr/axis.)
CompactFlash: 2 Grms @ 5 ~ 500 Hz
HDD: 1 Grms @ 5 ~ 500 Hz
Ordering Information
ƒ
ECU-4674-A53SAE
Intel Atom N2600 1.6Ghz 8LAN 18COM 8DI/DO, 1IRIG
Computer
ƒ
ECU-4674-LBA53SAE
Intel Atom N2600 1.6Ghz 8LAN 10COM+IRIG
Computer
ƒ
XECU-FSP150-1H35(*) FSP AC 100-240V 150W W/PFC (Note: For ECU-4674
Dual Power, by CTOS configuration center)
RoHS
COMPLIANT
2002/95/EC
ECU-4674
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ECU-4674-LBA53SAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ECU-4674-LA64SCE ADVANTECH-ECU-4674-LA64SCE Datasheet
261Kb / 1P
   Intel® ATOM E3930 Power and Energy Computers with 8 x LAN, 10 x COM, 1 x IRIG-B
26-Oct-2021
More results

Similar Description - ECU-4674-LBA53SAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-4671A ADVANTECH-UNO-4671A_15 Datasheet
162Kb / 1P
   Intel짰 Atom??D510/D525 Power & Energy Automation Computers with 6 x LAN, 10 x COM, and 1 x PCI-104
ECU-4674 ADVANTECH-ECU-4674 Datasheet
261Kb / 1P
   Intel® ATOM E3930 Power and Energy Computers with 8 x LAN, 10 x COM, 1 x IRIG-B
26-Oct-2021
ECU-1871 ADVANTECH-ECU-1871_15 Datasheet
177Kb / 1P
   Intel짰 Atom??D510 Energy Controller with 2 x LAN, 3 x COM, IRIG-B, and I/O Extension
UNO-4678 ADVANTECH-UNO-4678_14 Datasheet
173Kb / 1P
   Intel짰 Celeron짰 M Power & Energy Automation Computers with 3 x LAN, 8 x COM, PC/104
logo
AAEON Technology
AEC-6523 AAEON-AEC-6523 Datasheet
284Kb / 2P
   Intel짰 Atom??N2600 Processor
EPC-CV1 AAEON-EPC-CV1 Datasheet
426Kb / 2P
   Intel짰 Atom??Processor N2600
logo
Advantech Co., Ltd.
PWS-770-N3A0EC001E ADVANTECH-PWS-770-N3A0EC001E Datasheet
1Mb / 2P
   10.4" Rugged Tablet with Intel짰 Atom??N2600
logo
AAEON Technology
PFM-CVS AAEON-PFM-CVS Datasheet
252Kb / 2P
   PC/104 Module with Intel Atom N2600 Processor
logo
Advantech Co., Ltd.
ECU-4574 ADVANTECH-ECU-4574 Datasheet
260Kb / 1P
   Intel® ATOM E3930 Power and Energy Computers with 8 x LAN, 10 x COM
26-Oct-2021
SOM-3565 ADVANTECH-SOM-3565_15 Datasheet
829Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com