Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1708EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1708EEE
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1708EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
______________________________________________________________________________________
11
__________________Design Procedure
Inductor Selection (L1)
The MAX1708’s high switching frequency allows the
use of a small-size inductor. Use a 2.2µH inductor for
600kHz operation. If the MAX1708 is synchronized at a
different frequency, scale the inductor value with the
inverse of frequency (L1 = 2.2µH 600kHz / fSYNC).
The PWM design tolerates inductor values within ±25%
of this calculated value, so choose the closest standard
inductor value. For example, use 3.3µH for 350kHz and
1.5µH for 1MHz).
Inductors with a ferrite core or equivalent are recom-
mended; powder iron cores are not recommended for
use at high switching frequencies. Ensure the induc-
tor’s saturation rating (the current at which the core
begins to saturate and inductance falls) exceeds the
internal current limit. Note that this current may be
reduced through SS/LIM if less than the MAX1708’s full
load current is needed (see Electrical Characteristics
for ratings). For highest efficiency, use a coil with low
DC resistance, preferably under 20m
Ω. To minimize
radiated noise, use a toroid, pot core, or shielded
inductor. See Tables 3 and 4 for a list of recommended
components and component suppliers. To calculate
the maximum output current (in amperes), use the fol-
lowing equation:
where:
VIN = input voltage
VD = forward voltage drop of the Schottky diode
at ILIM
VOUT = output voltage
D' = (VIN) / (VOUT + VD), neglecting switch voltage
drop
f = switching frequency
L1 = inductor value
ILIM = minimum value of switch current limit from
Electrical Characteristics or set by R1 of
Figure 1.
ID I
D
VV
V
L
OUT MAX
LIM
OUT
D
IN
()
''
=−
+−
׃ ×




21
SUPPLIER
PHONE
FAX
Central
631-435-1110
631-435-1824
Coilcraft
847-639-6400
847-639-1489
Coiltronics
561-241-7876
561-241-9339
Motorola
602-303-5454
602-994-6430
Panasonic
714-373-7939
714-373-7183
Table 4. Component Suppliers
Table 3. Component Selection Guide
PRODUCTION
INDUCTORS
CAPACITORS
DIODES
Coiltronics UP2B-2R2
Sanyo 6TPC100M
Motorola MBRD1035CTL
Surface mount
Coilcraft DO3316P-222HC
Panasonic EEFUE0J151R
Central CMSH5-20
Figure 3. Simplified PWM Controller Functional Diagram
N
R
S
Q
LX
PGND
11m
REF
SLOPE
COMP
FB
SS/LIM
12.5
OSCILLATOR
(LIMITED TO 100mV)
Figure 4. Adjustable Output Voltage
R4
R3
KEEP SHORT
FB
VIN
VOUT
LX
MAX1708


Similar Part No. - MAX1708EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1708EEE MAXIM-MAX1708EEE Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1708EEE MAXIM-MAX1708EEE Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1708EEE-T MAXIM-MAX1708EEE-T Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
More results

Similar Description - MAX1708EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1708EEE-T MAXIM-MAX1708EEE-T Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1708 MAXIM-MAX1708_10 Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1709 MAXIM-MAX1709_07 Datasheet
315Kb / 14P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Rev 2; 4/07
MAX1709 MAXIM-MAX1709 Datasheet
502Kb / 12P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
19-1724; Rev 0; 5/00
MAX1709 MAXIM-MAX1709_V01 Datasheet
318Kb / 13P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
2015
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
List of Unclassifed Man...
RT9264 ETC-RT9264 Datasheet
170Kb / 8P
   HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com