Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1703ESE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1703ESE
Description  1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1703ESE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1703ESE Datasheet HTML 6Page - Maxim Integrated Products MAX1703ESE Datasheet HTML 7Page - Maxim Integrated Products MAX1703ESE Datasheet HTML 8Page - Maxim Integrated Products MAX1703ESE Datasheet HTML 9Page - Maxim Integrated Products MAX1703ESE Datasheet HTML 10Page - Maxim Integrated Products MAX1703ESE Datasheet HTML 11Page - Maxim Integrated Products MAX1703ESE Datasheet HTML 12Page - Maxim Integrated Products MAX1703ESE Datasheet HTML 13Page - Maxim Integrated Products MAX1703ESE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Synchronized PWM Operation
The MAX1703 can be synchronized in PWM mode to a
200kHz to 400kHz frequency by applying an external
clock to CLK/SEL. This allows the user to set the har-
monics to avoid IF bands in wireless applications. The
synchronous rectifier is also active during synchronized
PWM operation.
Low-Power PFM Operation
Pulling CLK/SEL low places the MAX1703 in a low-
power mode. During low-power mode, PFM operation
regulates the output voltage by transferring a fixed
amount of energy during each cycle, and then modulat-
ing the pulse frequency to control the power delivered
to the output. The devices switch only as needed to
service the load, resulting in the highest possible effi-
ciency at light loads. Output current capability in PFM
mode is 150mA (max). The output voltage is typically
1% higher than in PWM mode.
During PFM operation, the error comparator detects the
output voltage falling out of regulation and sets a flip-
flop, which turns on the N-channel MOSFET switch
(Figure 4). When the inductor current ramps to the PFM
mode current limit (800mA typical) and stores a fixed
amount of energy, the current-sense comparator resets
a flip-flop. The flip-flop turns off the N-channel switch
and turns on the P-channel synchronous rectifier. A
second flip-flop, previously reset by the switch’s “on” sig-
nal, inhibits the error comparator from initiating another
cycle until the energy stored in the inductor is transferred
to the output filter capacitor and the synchronous rectifier
current has ramped down to 80mA. This forces operation
with a discontinuous inductor current.
Synchronous Rectifier
The MAX1703 features an internal 140m
Ω, P-channel
synchronous rectifier to enhance efficiency. Synchro-
nous rectification provides a 5% efficiency improve-
ment over similar nonsynchronous boost regulators. In
PWM mode, the synchronous rectifier is turned on dur-
ing the second half of each switching cycle. In low-
power mode, an internal comparator turns on the
synchronous rectifier when the voltage at LX exceeds
the boost regulator output, and then turns it off when
the inductor current drops below 80mA.
Low-Voltage Start-Up Oscillator
The MAX1703 uses a CMOS, low-voltage start-up oscil-
lator for a 1.1V guaranteed minimum start-up input volt-
age at +25°C. On start-up, the low-voltage oscillator
switches the N-channel MOSFET until the output volt-
age reaches 2.15V. Above this level, the normal boost-
converter feedback and control circuitry take over.
Once the device is in regulation, it can operate down to
a 0.7V input, since internal power for the IC is boot-
strapped from the output via the OUT pin. Do not apply
full load until the output exceeds 2.3V (max).
1-Cell to 3-Cell, High-Power (1.5A),
Low-Noise, Step-Up DC-DC Converter
10
______________________________________________________________________________________
2.7A TYP
CURRENT
LIMIT
OSC
FB
R
Q
S
REF
LXP
LXN
POUT
PGND
P
N
Figure 3. Simplified PWM Controller Block Diagram
ERROR
COMPARATOR
FB
REF
800mA TYP
CURRENT
LIMIT
LOGIC HIGH
POUT
P
N
PGND
S
S
Q
R
D
Q
R
LXP
LXN
Figure 4. Controller Block Diagram in Low-Power PFM Mode


Similar Part No. - MAX1703ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17030 MAXIM-MAX17030 Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17030GTL++ MAXIM-MAX17030GTL+ Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17031 MAXIM-MAX17031 Datasheet
576Kb / 24P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
MAX17031ETG++ MAXIM-MAX17031ETG+ Datasheet
576Kb / 24P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
MAX17035 MAXIM-MAX17035 Datasheet
2Mb / 27P
   High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
More results

Similar Description - MAX1703ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
   1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
   1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX1705 MAXIM-MAX1705 Datasheet
215Kb / 20P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 0; 4/97
MAX1763 MAXIM-MAX1763_11 Datasheet
660Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com