Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM10C-4824S-FZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM10C-4824S-FZ
Description  10 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10C-4824S-FZ Datasheet(HTML) 1 Page - AIMTEC

  AM10C-4824S-FZ Datasheet HTML 1Page - AIMTEC AM10C-4824S-FZ Datasheet HTML 2Page - AIMTEC AM10C-4824S-FZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM10C-FZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
1 of 3
North America only
Picture coming soon
FEATURES:
 Wide 2:1 Input Voltage Range
 1500 VDC Isolation
 High Efficiency up to 89%
Operating Temperature -40ºC to +85ºC
 Remote On/Off
Over Voltage, Over load protection
 Standard 1”x1” Package
Output Short Circuit Protection
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max
(mA)
Max Capacitive
Load(uF)
Efficiency
(%)
AM10C-1203S-FZ
9-18
3.3
2200
3300
83
AM10C-1205S-FZ
9-18
5
2000
2200
86
AM10C-1212S-FZ
9-18
12
830
680
89
AM10C-1215S-FZ
9-18
15
660
330
88
AM10C-1224S-FZ
9-18
24
410
100
88
AM10C-2403S-FZ
18-36
3.3
2200
3300
82
AM10C-2405S-FZ
18-36
5
2000
2200
86
AM10C-2412S-FZ
18-36
12
830
680
88
AM10C-2415S-FZ
18-36
15
660
330
87
AM10C-2424S-FZ
18-36
24
410
100
87
AM10C-4803S-FZ
36-75
3.3
2200
3300
80
AM10C-4805S-FZ
36-75
5
2000
2200
84
AM10C-4812S-FZ
36-75
12
830
680
86
AM10C-4815S-FZ
36-75
15
660
330
85
AM10C-4824S-FZ
36-75
24
410
100
85
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max
(mA)
Max Capacitive
Load(uF)
Efficiency
(%)
AM10C-1205D-FZ
9-18
±5
±1000
±1000
86
AM10C-1212D-FZ
9-18
±12
±410
±470
89
AM10C-1215D-FZ
9-18
±15
±330
±220
88
AM10C-2405D-FZ
18-36
±5
±1000
±1000
85
AM10C-2412D-FZ
18-36
±12
±410
±470
88
AM10C-2415D-FZ
18-36
±15
±330
±220
87
AM10C-4805D-FZ
36-75
±5
±1000
±1000
84
AM10C-4812D-FZ
36-75
±12
±410
±470
86
AM10C-4815D-FZ
36-75
±15
±330
±220
85
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
Pi
Start up time
100
ms
Absolute Maximum Rating
12 Vin
25
VDC
24 Vin
50
48 Vin
100
Peak Input Voltage time
100
ms
On/Off control
ON –Open or 3.5 to 12V/<0.2mA
OFF –Short to pin 2 (-Vin) or 0 to 0.7V


Similar Part No. - AM10C-4824S-FZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10C-2405S-NZ AIMTEC-AM10C-2405S-NZ Datasheet
633Kb / 4P
   DC-DC Converter
AM10C-2412S-NZ AIMTEC-AM10C-2412S-NZ Datasheet
633Kb / 4P
   DC-DC Converter
AM10C-2415S-NZ AIMTEC-AM10C-2415S-NZ Datasheet
633Kb / 4P
   DC-DC Converter
AM10C-2424S-NZ AIMTEC-AM10C-2424S-NZ Datasheet
633Kb / 4P
   DC-DC Converter
AM10C-NZ AIMTEC-AM10C-NZ Datasheet
633Kb / 4P
   DC-DC Converter
More results

Similar Description - AM10C-4824S-FZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com