Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-5080 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5080
Description  4-ch Counter/Frequency Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5080 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5080 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Programmable Automation Controllers
Specifications
General
ƒ
Certification
CE, FM
ƒ
Connectors
1 x Plug-in screw terminal (# 14 ~ 22 AWG)
ƒ
Enclosure
ABS+PC
ƒ
Power Consumption
1.5 W (max.)
Counter/Frequency
ƒ
Counter Aux. Function Initial preset, hi-low alarm setting, alarm digital output
mapping, overflag
ƒ
Channels
4
ƒ
Input Frequency
0.3 ~ 1,000 Hz max. (frequency mode)
5,000 Hz max. (counter mode) TTL only
ƒ
Input Level
Isolated or TTL level
ƒ
Isolation Input Level
Logic level 0: 1 VDC max
Logic level 1: 3.5 ~ 30 VDC
ƒ
Isolation Voltage
1,000 VRMS
ƒ
Maximum Count
4,294,967,295 (32 bits)
ƒ
Minimum Input Current 2 mA (isolated)
ƒ
Minimum Pulse Width 500 μs (frequency mode)
100 μs (counter mode)
ƒ
Modes
Counter (up/down, bi-direction), Frequency
ƒ
Programmable Digital 1 ~ 65,000 μsec (Noise Filter Function)
Filter
ƒ
TTL Input Level
Logic level 0: 0 ~ 0.8 VDC
Logic level 1: 2.3 ~ 5 VDC
Note: Does not support ADAM-5550 & 5560 Series
Ordering Information
ƒ
ADAM-5080
4-ch Counter/Frequency Module
ADAM-5080
ADAM-5081
4-ch Counter/Frequency Module
4/8-ch High Speed Counter/Frequency Module
Specifications
General
ƒ
Certification
CE
ƒ
Connectors
1 x plug-in screw terminal (# 14 ~ 18 AWG)
ƒ
Power Consumption
1.1 W (Max.)
ƒ
Enclosure
ABS+PC
Counter/Frequency
ƒ
Channels
4/8
ƒ
Maximum Count
4,294,967,295 (32 bit)
ƒ
Input Frequency
5 Hz ~ 1 MHz max. (frequency mode)
1 MHz max. (counter mode)
ƒ
Input Level
Isolated or TTL level
ƒ
Minimum Pulse Width 1μsec. (frequency mode)
1μsec. (counter mode)
ƒ
Minimum Input Current 2 mA (isolated)
ƒ
Isolation Input Level
Logic level 0: 3 VDC max,
Logic level 1: 10 ~ 30 VDC
ƒ
TTL Input Level
Logic level 0: 0 ~ 0.8 VDC,
Logic level 1: 2.3 ~ 5 VDC
ƒ
Isolation voltage
2,500 VRMS
ƒ
Modes
Counter (up/down, bi-direction, up, A/B Phase),
Frequency
ƒ
Counter Aux. Function Initial preset, hi-low alarm setting, alarm digital output
mapping, overflag
ƒ
Programmable Digital 1 ~ 65,000 μsec (Noise Filter Function)
Filter
Note: Does not support ADAM-5510 KW series
Ordering Information
ƒ
ADAM-5081
4/8-ch High Speed Counter/Frequency Module
ADAM-5081
ADAM-5080
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Date updated: 25-April-2014


Similar Part No. - ADAM-5080

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5080 ADVANTECH-ADAM-5080 Datasheet
588Kb / 1P
   4-ch Counter/Frequency Module
More results

Similar Description - ADAM-5080

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5080 ADVANTECH-ADAM-5080 Datasheet
588Kb / 1P
   4-ch Counter/Frequency Module
ADAM-4080 ADVANTECH-ADAM-4080_15 Datasheet
239Kb / 1P
   2-ch Counter/Frequency Module
AMAX-5080 ADVANTECH-AMAX-5080 Datasheet
529Kb / 1P
   2-ch Counter/Encoder Input Module
22-Dec-2021
logo
List of Unclassifed Man...
M-7080D ETC2-M-7080D Datasheet
105Kb / 5P
   Counter/Frequency Input Module LED Display
logo
WAGO Kontakttechnik Gmb...
750-404-000-003 WAGO-750-404-000-003 Datasheet
561Kb / 12P
   Frequency Counter
750-404 WAGO-750-404 Datasheet
561Kb / 12P
   Frequency Counter
logo
Advantech Co., Ltd.
ADAM-4080 ADVANTECH-ADAM-4080 Datasheet
106Kb / 1P
   2-ch Counter/Frequency Modules (with 7-segment LED Display)
ADAM-6051 ADVANTECH-ADAM-6051_14 Datasheet
1Mb / 2P
   14-ch Isolated Digital I/O Modbus TCP Module with 2-ch Counter
ADAM-4060 ADVANTECH-ADAM-4060_15 Datasheet
328Kb / 1P
   4-ch Relay Output Module
ADAM-5024 ADVANTECH-ADAM-5024 Datasheet
637Kb / 1P
   4-ch Analog Output Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com