Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-4520I Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4520I
Description  Robust 8-ch Analog Input Module with Modbus
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4520I Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4520I Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
ADAM-4510I
ADAM-4520I
ADAM-4117
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
ƒ
Power Consumption 1.4 W @ 24 VDC
Communications
ƒ
Input
RS-485 (2-wire) or
RS-422 (4-wire)
ƒ
Output
RS-485 (2-wire) or
RS-422 (4-wire)
ƒ
Speed Modes (bps) 1,200, 2,400, 4,800, 9,600,
19.2 k, 38.4 k, 57.6 k,
115.2 k, RTS control and
RS-422 (switchable)
ƒ
Supports Auto Baud-Rate
ƒ
Provide RS-485 to RS-422 Convert Ability
Specifications
General
ƒ
Connectors
1 x plug-in terminal block
(#14 ~ 22 AWG)
(RS-422/485)
1 x DB9-F (RS-232)
ƒ
Power Consumption 1.2 W @ 24 VDC
Communications
ƒ
Input
RS-232 (DB9)
ƒ
Output
RS-485 (2-wire) or
RS-422 (4-wire)
ƒ
Speed Modes (bps) 1,200, 2,400, 4,800, 9,600,
19.2 k, 38.4 k, 57.6 k,
115.2 k, RTS control and
RS-422 (switchable)
ƒ
Supports Auto Baud-Rate
Robust RS-422/485 Repeater
Robust RS-232 to RS-422/485 Converter
Robust 8-ch Analog Input Module with
Modbus
ADAM-4520I
ADAM-4510I
Common Specifications
General
ƒ
Power Input
Unregulated 10 ~ 48 VDC w/power reversal protection
ƒ
Isolation Voltage
3,000 VDC
Environment
ƒ
Operating Humidity
5 ~ 95% RH
ƒ
Operating Temperature - 40 ~ 85°C (-40 ~ 185°F)
ƒ
Storage Temperature
- 40 ~ 85°C (-40 ~ 185°F)
ƒ
Supports Noise Rejection
ADAM-4117
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
ƒ
Watchdog Timer
System (1.6 second) &
Communication
ƒ
Supported Protocols ASCII Command and
Modbus/RTU
ƒ
Power Consumption 1.2 W @ 24 VDC
Analog Input
ƒ
Channels
8 differential and
independent configuration
channels
ƒ
Input Impedance
Voltage: 800 K
Current: 120
ƒ
lnput Type
mV, V (supports
unipolar and bipolar), mA
ƒ
lnput Range
0 ~ 150mV, 0 ~ 500mV,
0 ~ 1V, 0 ~ 5V, 0 ~ 10V,
0 ~ 15V, ±150 mV,
±500 mV, ±1V, ±5 V,
±10 V, ±15V, ±20 mA,
0 ~ 20 mA, 4 ~ 20mA
ƒ
Accuracy
Voltage mode :
±0.1% or better
Current mode :
±0.2% or better
ƒ
Resolution
16-bit
ƒ
Sampling Rate
10/100 samples/sec
(selected by utility)
ƒ
CMR @ 50/60 Hz
92 dB
ƒ
NMR @ 50/60 Hz
60 dB
ƒ
Over Voltage Protection
±60 VDC
ƒ
High Common Mode 200 VDC
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6μV/°C
ƒ
Built-in TVS/ESD Protection
Ordering Information
ƒ
ADAM-4510I
Robust RS-422/485
Repeater
ƒ
ADAM-4520I
Robust RS-232 to
RS-422/485 Converter
ƒ
ADAM-4117
Robust 8-ch Analog
Input Module with
Modbus
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ADAM-4520I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4520I ADVANTECH-ADAM-4520I Datasheet
699Kb / 1P
   Robust 8-ch Analog Input Module with Modbus
ADAM-4520I ADVANTECH-ADAM-4520I Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
More results

Similar Description - ADAM-4520I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4520I ADVANTECH-ADAM-4520I Datasheet
699Kb / 1P
   Robust 8-ch Analog Input Module with Modbus
ADAM-4118 ADVANTECH-ADAM-4118 Datasheet
703Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
ADAM-4118 ADVANTECH-ADAM-4118_15 Datasheet
298Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
ADAM-4118 ADVANTECH-ADAM-4118_V01 Datasheet
516Kb / 1P
   Robust 8-ch Thermocouple Input Module with Modbus
13-Aug-2021
ADAM-4017++ ADVANTECH-ADAM-4017+ Datasheet
702Kb / 1P
   8-ch Analog Input Module with Modbus
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
   8-ch Isolated Analog Input Modbus TCP Module
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
   1-ch Analog Input/Output Module, 8-ch Analog Input Module
ADAM-4115 ADVANTECH-ADAM-4115 Datasheet
594Kb / 1P
   Robust 6-Ch RTD Input Module
27-Feb-2020
ADAM-5017 ADVANTECH-ADAM-5017_14 Datasheet
256Kb / 1P
   8-ch Ultra High Speed Analog Input Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com