Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM10T-2403SIZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM10T-2403SIZ
Description  10 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10T-2403SIZ Datasheet(HTML) 1 Page - AIMTEC

  AM10T-2403SIZ Datasheet HTML 1Page - AIMTEC AM10T-2403SIZ Datasheet HTML 2Page - AIMTEC AM10T-2403SIZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM10T-IZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 3
North America only
FEATURES:
 Short Circuit & OVP Protection
Operating temperature -40
oC to + 75oC
 24 Pin DIP Package
Regulated output
 Wide 2:1 input range
Low ripple and noise
 Power modules for PCB mounting
 No minimum load
Input/output Isolation voltage 1500VDC
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Capacitive
Load, max(uf)
Ripple & Noise
max, (% mV p-p)
Efficiency
(%)
AM10T-1203SIZ
9-18
3.3
2000
4200
80
79
AM10T-1205SIZ
9-18
5
2000
3200
80
75
AM10T-1212SIZ
9-18
12
830
600
120
81
AM10T-1215SIZ
9-18
15
660
390
150
81
AM10T-2403SIZ
18-36
3.3
2000
4200
80
71
AM10T-2405SIZ
18-36
5
2000
3200
80
78
AM10T-2412SIZ
18-36
12
830
600
120
82
AM10T-2415SIZ
18-36
15
660
390
150
83
AM10T-4803SIZ
36-75
3.3
2000
4200
80
73
AM10T-4805SIZ
36-75
5
2000
3200
80
82
AM10T-4812SIZ
36-75
12
830
600
120
82
AM10T-4815SIZ
36-75
15
660
390
150
83
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Capacitive
Load, max(uf)
Ripple & Noise
max, (%)
Efficiency
(%)
AM10T-1205DIZ
9-18
±5
±1000
±1800
80
75
AM10T-1212DIZ
9-18
±12
±410
±300
120
80
AM10T-1215DIZ
9-18
±15
±330
±200
150
80
AM10T-2405DIZ
18-36
±5
±1000
±1800
80
79
AM10T-2412DIZ
18-36
±12
±410
±300
120
82
AM10T-2415DIZ
18-36
±15
±330
±200
150
84
AM10T-4805DIZ
36-75
±5
±1000
±1800
80
77
AM10T-4812DIZ
36-75
±12
±410
±300
120
82
AM10T-4815DIZ
36-75
±15
±330
±200
150
83
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
24
48
9-18
18-36
36-75
VDC
Filter
Capacitor
Absolute Maximum Rating
12 Vin
24 Vin
48 Vin
25
50
100
VDC
Permissible absolute maximum duration
100
ms
Transient Voltage Deviation
5
VDC
Click on Series name for product info on aimtec.com


Similar Part No. - AM10T-2403SIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10T-2403SZ AIMTEC-AM10T-2403SZ Datasheet
209Kb / 4P
   DC-DC Converter
More results

Similar Description - AM10T-2403SIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com