Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-4050 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4050
Description  15-ch Digital I/O Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4050 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4050 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS-485 I/O Modules: ADAM-4000
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
ƒ
Power Consumption 0.4 W @ 24 VDC
ƒ
Watchdog Timer
System (1.6 second)
ƒ
Supported Protocols ASCII command
Digital Input
ƒ
Channels
7
ƒ
Input Level
Logic level 0: 1 V max.
Logic level 1: 3.5 ~ 30 V
Pull up current: 0.5 mA,
10 k
Ω resistor to 5 V
Digital Output
ƒ
Channels
8
open collector to 30 V,
30 mA max. load
ƒ
Power Dissipation
300 mW
15-ch Digital I/O Module
16-ch Isolated Digital Input Module with
Modbus
8-ch Isolated Digital Input Module
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks
(#14 ~ 28 AWG)
ƒ
Power Consumption 1 W @ 24 VDC
ƒ
Watchdog Timer
System (1.6 second)
ƒ
Supported Protocols ASCII command and
Modbus/RTU
ƒ
LED Indicators
Yes
Digital Input
ƒ
Channels
16
ƒ
Input Voltage
50 V max
ƒ
Input Level
Dry contact:
Logic level 0: open
Logic level 1: close to
GND
Wet contact:
Logic level 0: 3 V max
Logic level 1: 10 ~ 50 V
(Note: Digital Input levels 0 and 1 can be inverted)
ƒ
Isolation Voltage
2,500 VDC
ƒ
Input Resistance
5.2 k
ƒ
Overvoltage
70 VDC
Protection
ADAM-4050
ADAM-4051
ADAM-4052
ADAM-4050
ADAM-4051
Specifications
General
ƒ
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
ƒ
Power Consumption 0.4 W @ 24 VDC
ƒ
Watchdog Timer
System (1.6 second)
ƒ
Supported Protocols ASCII command
Digital Input
ƒ
Channels
8
(6 fully independent
isolated channels, 2
isolated channels with
common ground)
ƒ
Input Level
Logic level 0: 1 V max.
Logic level 1: 3 ~ 30 V
ƒ
Isolation Voltage
5,000 VRMS
ƒ
Input Resistance
3 k
ADAM-4052
Common Specifications
General
ƒ
Power Input
Unregulated 10 ~ 30 VDC
Environment
ƒ
Operating Humidity 5 ~ 95% RH
ƒ
Operating
- 10 ~ 70°C (14 ~ 158°F)
Temperature
ƒ
Storage Temperature - 25 ~ 85°C
(-13 ~ 185°F)
Ordering Information
ƒ
ADAM-4050
15-ch Digital I/O
Module
ƒ
ADAM-4051
16-ch Isolated Digital
Input Module with
Modbus
ƒ
ADAM-4052
8-ch Isolated Digital
Input Module
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ADAM-4050

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4050 ADVANTECH-ADAM-4050 Datasheet
705Kb / 1P
   15-ch Digital I/O Module
More results

Similar Description - ADAM-4050

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4050 ADVANTECH-ADAM-4050 Datasheet
705Kb / 1P
   15-ch Digital I/O Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
   15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6150 ADVANTECH-ADAM-6150 Datasheet
365Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-6150 ADVANTECH-ADAM-6150_V01 Datasheet
277Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
2-Feb-2021
ADAM-6150 ADVANTECH-ADAM-6150_15 Datasheet
248Kb / 1P
   15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-5050 ADVANTECH-ADAM-5050_14 Datasheet
257Kb / 1P
   16-ch Universal Digital I/O Module
USB-4751-AE ADVANTECH-USB-4751-AE Datasheet
147Kb / 1P
   48-ch Digital I/O USB Module
USB-4751 ADVANTECH-USB-4751 Datasheet
523Kb / 1P
   48-ch Digital I/O USB Module
ADAM-6050 ADVANTECH-ADAM-6050 Datasheet
702Kb / 1P
   18-ch Isolated Digital I/O Module
PCM-3730 ADVANTECH-PCM-3730 Datasheet
390Kb / 7P
   32-ch Isolated Digital I/O Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com