Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1DE1205SH30Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM1DE1205SH30Z
Description  1 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DE1205SH30Z Datasheet(HTML) 1 Page - AIMTEC

  AM1DE1205SH30Z Datasheet HTML 1Page - AIMTEC AM1DE1205SH30Z Datasheet HTML 2Page - AIMTEC AM1DE1205SH30Z Datasheet HTML 3Page - AIMTEC AM1DE1205SH30Z Datasheet HTML 4Page - AIMTEC AM1DE1205SH30Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM1DE-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.A
1 of 5
North America only
FEATURES:
 Operating Temperature -40°C to +105°C
 Low Ripple and Noise
 High efficiency up to 81%
 Continuous Short Circuit Protection
 Low Profile Plastic Package
 Pin Compatible with Multiple Manufacturers
 7 pin SIP package
 Input / Output Isolation 1500, and 3000 VDC
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current
Max (mA)
Isolation
(VDC)
Input Current
Full Load | No
Load (mA)
Max
Capacitive
Load (uF)
Efficiency
%
AM1DE-0505SZ
4.5 - 5.5
5
200
1500
253
30
220
80
AM1DE-0512SZ
4.5 - 5.5
12
83
1500
253
30
100
81
AM1DE-0515SZ
4.5 - 5.5
15
67
1500
253
30
100
81
AM1DE-1205SZ
10.8 - 13.2
5
200
1500
106
15
220
80
AM1DE-1212SZ
10.8 - 13.2
12
83
1500
106
15
100
80
AM1DE-1215SZ
10.8 - 13.2
15
67
1500
104
15
100
81
AM1DE-2405SZ
21.6 – 26.4
5
200
1500
53
7
220
80
AM1DE-2412SZ
21.6 – 26.4
12
83
1500
53
7
100
80
AM1DE-2415SZ
21.6 – 26.4
15
67
1500
53
7
100
80
AM1DE-0505SH30Z
4.5 - 5.5
5
200
3000
253
30
220
80
AM1DE-0512SH30Z
4.5 - 5.5
12
83
3000
253
30
100
81
AM1DE-0515SH30Z
4.5 - 5.5
15
67
3000
253
30
100
81
AM1DE-1205SH30Z
10.8 - 13.2
5
200
3000
106
15
220
80
AM1DE-1212SH30Z
10.8 - 13.2
12
83
3000
106
15
100
80
AM1DE-1215SH30Z
10.8 - 13.2
15
67
3000
104
15
100
81
AM1DE-2405SH30Z
21.6 – 26.4
5
200
3000
53
7
220
80
AM1DE-2412SH30Z
21.6 – 26.4
12
83
3000
53
7
100
80
AM1DE-2415SH30Z
21.6 – 26.4
15
67
3000
53
7
100
80
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current
Max (mA)
Isolation
(VDC)
Input Current
Full Load | No
Load (mA)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM1DE-0505DZ
4.5 - 5.5
±5
±100
1500
253
30
±100
80
AM1DE-0512DZ
4.5 - 5.5
±12
±42
1500
253
30
±47
81
AM1DE-0515DZ
4.5 - 5.5
±15
±33
1500
253
30
±47
81
AM1DE-1205DZ
10.8 - 13.2
±5
±100
1500
106
15
±100
80
AM1DE-1212DZ
10.8 - 13.2
±12
±42
1500
106
15
±47
80
AM1DE-1215DZ
10.8 - 13.2
±15
±33
1500
104
15
±47
81
AM1DE-2405DZ
21.6 – 26.4
±5
±100
1500
53
7
±100
80
AM1DE-2412DZ
21.6 – 26.4
±12
±42
1500
53
7
±47
80
AM1DE-2415DZ
21.6 – 26.4
±15
±33
1500
53
7
±47
80
AM1DE-0505DH30Z
4.5 - 5.5
±5
±100
3000
253
30
±100
80
AM1DE-0512DH30Z
4.5 - 5.5
±12
±42
3000
253
30
±47
81
AM1DE-0515DH30Z
4.5 - 5.5
±15
±33
3000
253
30
±47
81
AM1DE-1205DH30Z
10.8 - 13.2
±5
±100
3000
106
15
±100
80
AM1DE-1212DH30Z
10.8 - 13.2
±12
±42
3000
106
15
±47
80
AM1DE-1215DH30Z
10.8 - 13.2
±15
±33
3000
104
15
±47
81
AM1DE-2405DH30Z
21.6 – 26.4
±5
±100
3000
53
7
±100
80
AM1DE-2412DH30Z
21.6 – 26.4
±12
±42
3000
53
7
±47
80
AM1DE-2415DH30Z
21.6 – 26.4
±15
±33
3000
53
7
±47
80
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Click on Series name for product info on aimtec.com


Similar Part No. - AM1DE1205SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-050303D AIMTEC-AM1D-050303D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-0503D AIMTEC-AM1D-0503D Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-0503DZ AIMTEC-AM1D-0503DZ Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1D-0503S AIMTEC-AM1D-0503S Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results

Similar Description - AM1DE1205SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com