Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1DR0505SH30NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1DR0505SH30NZ
Description  1 Watt | DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DR0505SH30NZ Datasheet(HTML) 1 Page - AIMTEC

  AM1DR0505SH30NZ Datasheet HTML 1Page - AIMTEC AM1DR0505SH30NZ Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series AM1DR-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.G
1 of 2
North America only
FEATURES:
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max
(mA)
Input Current
Max | No Load
(mA)
Isolation
(VDC)
Efficiency
(%)
AM1DR-0505S-NZ
4.75-5.25
5
150
299 | 30
1000
69
AM1DR-0515S-NZ
4.75-5.25
15
67
274 | 30
1000
72
AM1DR-1205S-NZ
11.4-12.6
5
150
124 | 15
1000
69
AM1DR-2405S-NZ
22.8-25.2
5
150
61 | 8
1000
70
AM1DR-0505SH30-NZ
4.75-5.25
5
150
303 | 30
3000
68
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
4.75-5.25
11.4-12.6
22.8-25.2
VDC
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1000 & 3000
VDC
Resistance
>1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Short Circuit protection
Momentary (1sec)
Line voltage regulation (Single)
Input voltage: ±5%
±0.25
%
Load voltage regulation (Single)
10-100%
±1
%
Temperature coefficient
±0.03
%/oC
Ripple & Noise
50
mVp-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
KHz
Operating temperature
Derating above 71oC
-40 to +85
oC
Storage temperature
-55 to +125
oC
Cooling
Free air convection
Humidity
95
%
Case material
Plastic UL94-VO
Weight
2.7
g
Dimensions (L x W x H)
0.77 x 0.24 x 0.37 inch
19.60 x 6.00 x 9.50 mm
MTBF
>900 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
RoHScompliant
Operating temperature -40oC to + 85oC
Regulated output voltage
Input / Output Isolation 1000& 3000VDC
Low ripple and noise
Pin computable with multiple manufacturers
High efficiency up to 72%
UL94-VO Package
Click on Series name for product info on aimtec.com


Similar Part No. - AM1DR0505SH30NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1DR-0503S AIMTEC-AM1DR-0503S Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1DR-0503S-RZ AIMTEC-AM1DR-0503S-RZ Datasheet
112Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-0503SH30 AIMTEC-AM1DR-0503SH30 Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1DR-0503SH30Z AIMTEC-AM1DR-0503SH30Z Datasheet
422Kb / 3P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1DR0505SH30NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com