Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1697S Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1697S
Description  60mA, SOT23 Inverting Charge Pump with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1697S Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1697S Datasheet HTML 1Page - Maxim Integrated Products MAX1697S Datasheet HTML 2Page - Maxim Integrated Products MAX1697S Datasheet HTML 3Page - Maxim Integrated Products MAX1697S Datasheet HTML 4Page - Maxim Integrated Products MAX1697S Datasheet HTML 5Page - Maxim Integrated Products MAX1697S Datasheet HTML 6Page - Maxim Integrated Products MAX1697S Datasheet HTML 7Page - Maxim Integrated Products MAX1697S Datasheet HTML 8Page - Maxim Integrated Products MAX1697S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
60mA, SOT23 Inverting Charge Pump
with Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, capacitors from Table 2, VIN = +5V, SHDN = IN, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, capacitors from Table 2, VIN = +5V, SHDN = IN, TA = 0°C to +85°C, unless otherwise noted. )Typical values are at
TA = +25°C.)
CONDITIONS
150
UNITS
MIN
TYP
MAX
PARAMETER
Note 1: Output resistance is guaranteed with capacitor ESR of 0.3
Ω or less.
Note 2: All specifications from -40°C to +85°C are guaranteed by design, not production tested.
Trip Temperature
°C
Hysteresis
°C
15
Temperature increasing
THERMAL SHUTDOWN
V
RL = 5kΩ
Supply Voltage Range
1.6
5.5
MAX1697R
VIN(MIN) ≤ VIN ≤ 2.5V
2.5V
≤ VIN ≤ 5.5V
VIN(MIN) ≤ VIN ≤ 2.5V
2.5V
≤ VIN ≤ 5.5V
MAX1697T/U
1.5
5.5
µA
SHDN = GND, OUT is internally pulled to GND in
shutdown
350
Continuous, long-term
Quiescent Current
750
MAX1697T
MAX1697R
IOUT = 60mA
CONDITIONS
1800
kHz
621
3600
MAX1697S
MAX1697U
Oscillator Frequency
16
60
MAX1697T
60
200
120
400
MAX1697S
MAX1697U
MAX1697R/S
0.2
V
0.6
SHDN Input Logic Low
VIN - 0.2
V
2.1
SHDN Input Logic High
8
OUT to GND Shutdown
Resistance
33
Output Resistance (Note 1)
mARMS
60
Output Current
UNITS
MIN
MAX
PARAMETER


Similar Part No. - MAX1697S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
379Kb / 13P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
MAX16970 MAXIM-MAX16970 Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GEEA/V++ MAXIM-MAX16970GEEA/V+ Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GEEB/V++ MAXIM-MAX16970GEEB/V+ Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GTEB/V++ MAXIM-MAX16970GTEB/V+ Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
More results

Similar Description - MAX1697S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com