Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAF08200 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SRAF08200
Description  Low Forward Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SRAF08200 Datasheet(HTML) 1 Page - Mospec Semiconductor

  SRAF08200 Datasheet HTML 1Page - Mospec Semiconductor SRAF08200 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SRAF08200
Full Plastic Schottky Barrier Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal. The proprietary barrier technology allows for
reliable operation up to 175℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptators, DC/DC converters, free-
wheeling and polarity protection diodes.
Features
Low Forward Voltage.
Low Switching noise.
High Current Capacity
Guarantee Reverse Avalanche.
Guard-Ring for Stress Protection.
Low Power Loss & High efficiency.
175℃ Operating Junction Temperature
Low Stored Charge Majority Carrier Conduction.
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
In compliance with EU RoHs 2002/95/EC directives
MAXIMUM RATINGS
Characteristic
Symbol
SRAF08200
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
140
V
Average Rectifier Forward Current
Total Device (Rated VR), TC=125℃
IF(AV)
8
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
16
A
Non-Repetitive Peak Surge Current (Surge
applied at rate load conditions halfware, single
phase, 60Hz)
IFSM
150
A
Operating and Storage Junction Temperature
Range
TJ , Tstg
-65 to +175
THERMAL RESISTANCES
Typical Thermal Resistance junction to case
Rθ j-c
4.0
/w
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
SRAF08200
Unit
Maximum Instantaneous Forward Voltage
( IF =8 Amp TC = 25℃)
( IF =8 Amp TC = 125℃)
VF
0.95
0.85
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
0.1
20
mA
SCHOTTKY BARRIER
RECTIFIERS
8 AMPERES
200 VOLTS
ITO-220AC
MILLIMETERS
DIM
MIN
MAX
A
15.05
15.15
B
13.35
13.45
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.00
G
1.15
1.25
H
0.55
0.65
I
4.80
5.20
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
O
3.35
3.45
P
2.65
2.75
Q
3.15
3.25
To evaluation the conduction losses use the following equation:
P=0.65×IF(AV)+0.015×IF(RMS)
2


Similar Part No. - SRAF08200

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SRAF08100 MOSPEC-SRAF08100 Datasheet
164Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRAF0830 MOSPEC-SRAF0830 Datasheet
189Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRAF0835 MOSPEC-SRAF0835 Datasheet
189Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRAF0840 MOSPEC-SRAF0840 Datasheet
189Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRAF0845 MOSPEC-SRAF0845 Datasheet
189Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
More results

Similar Description - SRAF08200

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
   Low Forward Voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
   Low forward voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
   Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
   Low Forward Voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
   Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
   Low forward voltage
logo
Unisonic Technologies
TGBR20L45CL-TA3-T UTC-TGBR20L45CL-TA3-T Datasheet
154Kb / 3P
   Low forward voltage
logo
Bruckewell Technology L...
SD14ST BWTECH-SD14ST Datasheet
155Kb / 4P
   Low forward voltage
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
   low forward voltage
logo
Mospec Semiconductor
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
   Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
   Low Forward Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com