Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1698EUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1698EUB
Description  High-Efficiency Step-Up Current Regulator for LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1698EUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1698EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX1698 is the most efficient driver for white or
color LEDs. The device is ideal for LED backlit displays
in PDAs and digital cameras, and can also be used for
larger displays like those in laptop computers. Its
numerous benefits include greater simplicity, lower
cost, higher efficiency, longer bulb life, and greater reli-
ability when compared to fluorescent (CCFL) and elec-
troluminescent (EL) lamps.
The MAX1698 is a switch-mode boost controller in
which LED current, rather than output voltage, provides
the feedback signal. It can operate with battery inputs
as low as 0.8V. The device drives series-connected
LEDs with a controlled current that is measured at a
sense resistor connected at the feedback pin. The
required sense resistor is typically 15
Ω, not an expen-
sive fractional-ohm value. LED current control and dim-
ming are accomplished with an adjust input (ADJ), not
with lossy current-limiting resistors. For larger light out-
put, multiple LED banks can be connected in parallel
with up to 5W total output power.
The MAX1698 is supplied in a space-saving 10-pin
µMAX package that occupies half the space of an 8-pin
SO. An evaluation kit (MAX1698EVKIT) is available to
speed designs.
Applications
Battery-Powered Backlight Applications
Backlight for LCD Panels
Cell Phones
Handy Terminals
PDAs
Features
o Over 90% Efficiency
o Lossless, Adjustable LED Brightness
o Space-Saving 10-Pin µMAX Package
o Simpler, Lower Cost, More Reliable Compared
to CCFL or EL Backlights
o Up to 5W Output Power
High-Efficiency Step-Up
Current Regulator for LEDs
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
EXT
CS
PGND
GND
ADJ
REF
VCC
MAX1698
µMAX
TOP VIEW
FB
GND
SHDN
VCC
VOUT
COUT
SHDN
FB
GND
ADJ
REF
CS
ON
OFF
PGND
EXT
D1
MAX1698
VCC
VBATT
L
ILED
RFB
RN
Typical Operating Circuit
19-1621; Rev 0; 1/00
PART
MAX1698EUB
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
10 µMAX
EVALUATION
KIT
AVAILABLE
Pin Configuration
Ordering Information
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX1698EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1698EUB MAXIM-MAX1698EUB Datasheet
167Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 2; 2/07
More results

Similar Description - MAX1698EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1698 MAXIM-MAX1698_07 Datasheet
167Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 2; 2/07
logo
Aimtron Technology
AT1314 AIMTRON-AT1314 Datasheet
312Kb / 12P
   High-Efficiency Step-Down Current Regulator For LEDs
logo
Advanced Analogic Techn...
AAT1270 ANALOGICTECH-AAT1270 Datasheet
724Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
AAT1271 ANALOGICTECH-AAT1271 Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1270 ANALOGICTECH-AAT1270_08 Datasheet
566Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
logo
E-CMOS Corporation
EC9211 E-CMOS-EC9211 Datasheet
847Kb / 15P
   High Efficiency 1.5MHz, Step up Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
   High Efficiency 1.2MHz Step Up Regulator
logo
E-CMOS Corporation
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
   High Efficiency 1MHz, Step up Regulator
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com